Electronic Components Datasheet Search
  English  ▼

X  

ISL54501 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ISL54501
Description  1.62V to 5.5V, 5廓, Single SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54501 Datasheet(HTML) 3 Page - Renesas Technology Corp

  ISL54501 Datasheet HTML 1Page - Renesas Technology Corp ISL54501 Datasheet HTML 2Page - Renesas Technology Corp ISL54501 Datasheet HTML 3Page - Renesas Technology Corp ISL54501 Datasheet HTML 4Page - Renesas Technology Corp ISL54501 Datasheet HTML 5Page - Renesas Technology Corp ISL54501 Datasheet HTML 6Page - Renesas Technology Corp ISL54501 Datasheet HTML 7Page - Renesas Technology Corp ISL54501 Datasheet HTML 8Page - Renesas Technology Corp ISL54501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
ISL54501, ISL54502
FN6550 Rev 3.00
Page 3 of 13
May 6, 2013
Pin Configurations (Note 5)
ISL54501
(6 LD UTDFN)
TOP VIEW
ISL54502
(6 LD UTDFN)
TOP VIEW
ISL54501
(6 LD SOT-23)
TOP VIEW
ISL54502
(6 LD SOT-23)
TOP VIEW
NOTE:
5. Switches Shown for Logic “0” Input.
3
2
1
6
5
4
IN
V+
GND
NO
N.C.
COM
3
2
1
6
5
4
IN
V+
GND
N.C.
NC
COM
4
5
6
1
2
3
N.C.
IN
NO
GND
V+
COM
4
5
6
1
2
3
NC
IN
N.C.
GND
V+
COM
Pin Descriptions
PIN
FUNCTION
V+
System Power Supply Input (+1.62V to +5.5V)
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Connect
Truth Table
LOGIC
ISL54501
ISL54502
0Off
On
1On
Off
NOTE: Logic “0”
0.5V. Logic “1” 1.4V with a 3V supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com