Electronic Components Datasheet Search
  English  ▼

X  

ISL54501 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL54501
Description  1.62V to 5.5V, 5廓, Single SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54501 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL54501 Datasheet HTML 1Page - Renesas Technology Corp ISL54501 Datasheet HTML 2Page - Renesas Technology Corp ISL54501 Datasheet HTML 3Page - Renesas Technology Corp ISL54501 Datasheet HTML 4Page - Renesas Technology Corp ISL54501 Datasheet HTML 5Page - Renesas Technology Corp ISL54501 Datasheet HTML 6Page - Renesas Technology Corp ISL54501 Datasheet HTML 7Page - Renesas Technology Corp ISL54501 Datasheet HTML 8Page - Renesas Technology Corp ISL54501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN6550 Rev 3.00
Page 1 of 13
May 6, 2013
FN6550
Rev 3.00
May 6, 2013
ISL54501, ISL54502
+1.62V to +5.5V, 5Ω, Single SPST Analog Switches
DATASHEET
The Intersil ISL54501 and ISL54502 devices are low
ON-resistance, low voltage, bi-directional, single pole/single
throw (SPST) analog switches designed to operate from a
single +1.62V to +5.5V supply. Targeted applications include
battery powered equipment that benefit from low rON
resistance (5
), excellent rON flatness, and fast switching
speeds (tON = 22ns, tOFF = 15ns). The digital logic input is 1.8V
CMOS compatible when using a single +3V supply.
Cell phones, for example, often face ASIC functionality
limitations. The number of analog input or GPIO pins may be
limited and digital geometries are not well suited to analog
switch performance. This family of parts may be used to
switch in additional functionality while reducing ASIC design
risk. The ISL54501, ISL54502 are offered in a 6 Ld
1.2mmx1.0mmx0.4mm pitch µTDFN package, alleviating
board space limitations.
The ISL54501 has one normally open (NO) switch and
ISL54502 has one normally closed (NC) switch.
Features
• ON-resistance (rON)
-VCC = +5.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0
-VCC = +3.0V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7.0
-VCC = +1.8V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
•rON Flatness (+4.5V Supply) . . . . . . . . . . . . . . . . . . . . . . . . . . 1.1
• Single Supply Operation. . . . . . . . . . . . . . . . . . . . +1.62V to +5.5V
• Fast Switching Action (+4.5V Supply)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15ns
• ESD HBM Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6kV
• 1.8V CMOS Logic Compatible (+3V supply)
• Available in 6 Ld µTDFN and 6 Ld SOT-23 Packages
• Pb-free Available (RoHS compliant)
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
-Pagers
- Laptops, notebooks, palmtops
• Portable Test and Measurement
•Medical Equipment
• Audio and video switching
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
TABLE 1. FEATURES AT A GLANCE
ISL54501
ISL54502
NUMBER OF SWITCHES
11
SW
NO
NC
1.8V rON
12
12
1.8V tON/tOFF
70ns/52ns
70ns/52ns
3V rON
6.0
6.0
3V tON/tOFF
30ns/20ns
30ns/20ns
5V rON
5.0
5.0
5V tON/tOFF
22ns/15ns
22ns/15ns
Packages
6 Ld µTDFN, 6 Ld SOT-23
NOT RECOM
MENDED FO
R NEW DES
IGNS
RECOMMEN
DED REPLA
CEMENT PA
RT
ISL54050IR
UZ-T


Similar Part No. - ISL54501

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
1.8V to 5.5V, 5OHM, Single SPST Analog Switches
October 26, 2009
ISL54501 INTERSIL-ISL54501 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
ISL54501IHZ-T INTERSIL-ISL54501IHZ-T Datasheet
335Kb / 13P
1.8V to 5.5V, 5OHM, Single SPST Analog Switches
October 26, 2009
ISL54501IRUZ-T INTERSIL-ISL54501IRUZ-T Datasheet
335Kb / 13P
1.8V to 5.5V, 5OHM, Single SPST Analog Switches
October 26, 2009
More results

Similar Description - ISL54501

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4675 MAXIM-MAX4675 Datasheet
195Kb / 8P
3??Single SPST Analog Switches
Rev 0; 7/00
logo
Texas Instruments
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
Intersil Corporation
ISL54501 INTERSIL-ISL54501 Datasheet
335Kb / 13P
1.8V to 5.5V, 5OHM, Single SPST Analog Switches
October 26, 2009
ISL54504 INTERSIL-ISL54504 Datasheet
334Kb / 12P
1.8V to 5.5V, 2.5OHM, Single SPST Analog Switches
October 23, 2009
logo
Analog Devices
ADG451 AD-ADG451_06 Datasheet
411Kb / 16P
LC2MOS 5 廓 RON SPST Switches
REV. C
logo
Texas Instruments
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
Renesas Technology Corp
ISL54504 RENESAS-ISL54504 Datasheet
619Kb / 12P
1.8V to 5.5V, 2.5W, Single SPST Analog Switches
logo
Maxim Integrated Produc...
MAX312 MAXIM-MAX312_V01 Datasheet
420Kb / 12P
10廓, Quad, SPST, CMOS Analog Switches
19-0420; Rev 2; 7/02
MAX4626 MAXIM-MAX4626_V01 Datasheet
688Kb / 9P
0.5廓, Low-Voltage, Single-Supply SPST Analog Switches
2017
MAX4677 MAXIM-MAX4677_V01 Datasheet
1Mb / 13P
2廓, Quad, SPST, CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com