Electronic Components Datasheet Search
  English  ▼

X  

ISL54501 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL54501
Description  1.62V to 5.5V, 5廓, Single SPST Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54501 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL54501 Datasheet HTML 1Page - Renesas Technology Corp ISL54501 Datasheet HTML 2Page - Renesas Technology Corp ISL54501 Datasheet HTML 3Page - Renesas Technology Corp ISL54501 Datasheet HTML 4Page - Renesas Technology Corp ISL54501 Datasheet HTML 5Page - Renesas Technology Corp ISL54501 Datasheet HTML 6Page - Renesas Technology Corp ISL54501 Datasheet HTML 7Page - Renesas Technology Corp ISL54501 Datasheet HTML 8Page - Renesas Technology Corp ISL54501 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ISL54501, ISL54502
FN6550 Rev 3.00
Page 4 of 13
May 6, 2013
Absolute Maximum Ratings
Thermal Information
V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 6.5V
Input Voltages
NO, NC, IN (Note 6) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Output Voltages
COM (Note 6). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to ((V+) + 0.5V)
Continuous Current NO, NC, or COM . . . . . . . . . . . . . . . . . . . . . . . . ±300mA
Peak Current NO, NC, or COM
(Pulsed 1ms, 10% Duty Cycle, Max)
600mA
ESD Rating
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >6kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >200V
Charged Device Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >2.2kV
Thermal Resistance (Typical)
JA (°C/W)
JC(°C/W)
6 Ld µTDFN Pkg. (Notes 7, 9) . . . . . . . . . . .
239.2
111.6
6 Ld SOT-23 Pkg. (Note 8, 9). . . . . . . . . . . .
260
120
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . +150°C
Maximum Storage Temperature Range. . . . . . . . . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Operating Conditions
V+ (Positive DC Supply Voltage) . . . . . . . . . . . . 1.8V ± 10% to 5.0V ± 10%
Analog Signal Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to V+
VIN (Digital Logic Input Voltage (IN) . . . . . . . . . . . . . . . . . . . . . . . . . 0V to V+
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
6. Signals on NC, NO, IN, or COM exceeding V+ or GND are clamped by internal diodes. Limit forward diode current to maximum current ratings.
7.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
8.
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
9. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.0V, VINL = 0.8V (Note 10), Unless
Otherwise Specified. Boldface limits apply over the operating temperature range, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 11, 12)
TYP
MAX
(Notes 11, 12)
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON-Resistance, rON
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Note 14, see Figure 4)
25
-
4.2
5
Full
-
-
6
rON Flatness, rFLAT(ON)
V+ = 4.5V, ICOM = 100mA, VNO or VNC = 0V to V+,
(Notes 13, 14)
25
-
1.1
1.3
Full
-
-
1.5
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 5.5V, VCOM = 0.3V, 5V, VNO or VNC = 5V, 0.3V
25
-25
1.2
25
nA
Full
-150
-
150
nA
COM ON Leakage Current,
ICOM(ON)
V+ = 5.5V, VCOM = 0.3V, 5V, or VNO or VNC = 0.3V, 5V,
or Floating
25
-30
1.7
30
nA
Full
-300
-
300
nA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50, CL = 35pF
(see Figure 1, Note 14)
25
-
22
-
ns
Full
-
23
-
ns
Turn-OFF Time, tOFF
V+ = 4.5V, VNO or VNC = 3.0V, RL = 50, CL = 35pF
(see Figure 1, Note 14)
25
-
15
-
ns
Full
-
15
-
ns
Break-Before-Make Time Delay, tD V+ = 5.5V, VNO or VNC = 3.0V, RL = 50, CL = 35pF
(see Figure 3, Note 14)
Full
-
18
-
ns
Charge Injection, Q
VG = 0V, RG = 0, CL = 1.0nF (see Figure 2)
25
-
16
-
pC
OFF-Isolation
L = 50, CL = 5pF, f = 1MHz, VCOM = 1VP-P
(see Figure 3)
25
-
75
-
dB
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 32
25
-
0.12
-
%
Total Harmonic Distortion
f = 20Hz to 20kHz, VCOM = 2VP-P, RL = 600
25
-
0.01
-
%
-3dB Bandwidth
Signal = 0dBm, RL = 50
25
-
350
-
MHz
NO or NC OFF Capacitance, COFF
V+ = 4.5V, f = 1MHz, VNO or VNC = VCOM =0V
(see Figure 5)
25
-
6
-
pF
COM ON Capacitance, CCOM(ON)
V+ = 4.5V, f = 1MHz, VNO or VNC =VCOM =0V
(see Figure 5)
25
-
12
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com