Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8318
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8318 Datasheet HTML 2Page - Analog Devices AD8318 Datasheet HTML 3Page - Analog Devices AD8318 Datasheet HTML 4Page - Analog Devices AD8318 Datasheet HTML 5Page - Analog Devices AD8318 Datasheet HTML 6Page - Analog Devices AD8318 Datasheet HTML 7Page - Analog Devices AD8318 Datasheet HTML 8Page - Analog Devices AD8318 Datasheet HTML 9Page - Analog Devices AD8318 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8318
Data Sheet
Rev. D | Page 6 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage: Pin VPSO, Pin VPSI
5.7 V
ENBL, V
SET Voltage
0 to V
POS
Input Power (Single-Ended, Referenced
to 50 Ω)
12 dBm
Internal Power Dissipation
0.73 W
θ
JA
1
55°C/W
Maximum Junction Temperature
125°C
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
260°C
1 With package die paddle soldered to thermal pads with vias connecting
to inner and bottom layers.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com