Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8318
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8318 Datasheet HTML 10Page - Analog Devices AD8318 Datasheet HTML 11Page - Analog Devices AD8318 Datasheet HTML 12Page - Analog Devices AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD8318
Data Sheet
Rev. D | Page 14 of 24
Table 5 lists recommended resistors for various frequencies.
These resistors provide the best overall temperature drift based
on measurements of a diverse population of devices.
The relationship between output temperature drift and frequency
is nonlinear and is not easily modeled. Experimentation is
required to choose the correct RTADJ resistor at frequencies
not listed in Table 5.
Table 5. Recommended RTADJ Resistors
Frequency
Recommended RTADJ
900 MHz
500 Ω
1.9 MHz
500 Ω
2.2 GHz
500 Ω
3.6 GHz
51 Ω
5.8 GHz
1 kΩ
8 GHz
500 Ω
TEMPERATURE SENSOR
The AD8318 internally generates a voltage that is proportional
to absolute-temperature (VPTAT). The VPTAT voltage is multiplied
by a factor of 5, resulting in a 2 mV/°C output at the TEMP pin.
The output voltage at 27°C is typically 600 mV. An emitter
follower drives the TEMP pin, as shown in Figure 30.
1kΩ
4kΩ
CMIP
INTERNAL
VPSI
TEMP
Figure 30. TEMP Sensor Interface
The internal pull-down resistance is 5 kΩ. The temperature
sensor has a slope of 2 mV/°C.
The temperature sensor output varies with output current due
to increased die temperature. Output loads less than 1 kΩ draw
enough current from the output stage causing this increase to
occur. An output current of 10 mA results in the voltage on the
temperature sensor to increase by 1.5°C, or ~3 mV.
Best precision from the temperature sensor is obtained when
the supply current to AD8318 remains fairly constant, that is,
no heavy load drive.
MEASUREMENT MODE
When the VOUT voltage, or a portion of the VOUT voltage, is
fed back to VSET, the device operates in measurement mode.
As shown in Figure 31, the AD8318 has an offset voltage, a
negative slope, and a VOUT measurement intercept greater
than its input signal range.
2.4
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5 0
15
10
5
INTERCEPT
PIN (dBm)
VOUT 25°C
ERROR 25°C
RANGE OF
CALCULATION
OF SLOPE AND
INTERCEPT
Figure 31. Typical Output Voltage vs. Input Signal
The output voltage vs. input signal voltage of the AD8318 is
linear-in-dB over a multidecade range. The equation for this
function is
VOUT = X × VSLOPE/DEC × log10(VIN/VINTERCEPT)
(3)
= X × VSLOPE/dB × 20 × log10(VIN/VINTERCEPT)
(4)
where:
X is the feedback factor in VSET = VOUT/X.
VINTERCEPT is expressed in Vrms.
VSLOPE/DEC is nominally −500 mV/decade and VSLOPE/dB is
nominally −25 mV/dB.
VINTERCEPT, expressed in dBV, is the x-axis intercept of the linear-
in-dB transfer function shown in Figure 31.
VINTERCEPT is 7 dBV (20 dBm, referenced to 50 Ω or 2.239 Vrms)
for a sinusoidal input signal.
The slope of the transfer function can be increased to
accommodate various converter mV per dB (LSB per dB)
requirements. However, increasing the slope can reduce the
dynamic range. This is due to the limitation of the minimum
and maximum output voltages, determined by the chosen
scaling factor X.
The minimum value for VOUT is X × VOFFSET. The offset voltage,
VOFFSET, is equal to 0.5 V and is internally added to the detector
output signal.
VOUT(MIN) = (X × VOFFSET)
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com