Electronic Components Datasheet Search
  English  ▼

X  

AD8318 Datasheet(PDF) 17 Page - Analog Devices

Part # AD8318
Description  Logarithmic Detector/Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8318 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD8318 Datasheet HTML 13Page - Analog Devices AD8318 Datasheet HTML 14Page - Analog Devices AD8318 Datasheet HTML 15Page - Analog Devices AD8318 Datasheet HTML 16Page - Analog Devices AD8318 Datasheet HTML 17Page - Analog Devices AD8318 Datasheet HTML 18Page - Analog Devices AD8318 Datasheet HTML 19Page - Analog Devices AD8318 Datasheet HTML 20Page - Analog Devices AD8318 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD8318
Rev. D | Page 17 of 24
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VOUT +25°C
VOUT –40°C
VOUT +85°C
ERROR +25°C wrt VOUT
ERROR –40°C wrt VOUT
ERROR +85°C wrt VOUT
Figure 35. Error vs. Temperature with Respect to Output Voltage at 25°C
(Does Not Take Transfer Function Nonlinearities at 25°C into Account)
VARIATION IN TEMPERATURE DRIFT FROM
DEVICE TO DEVICE
Figure 36 shows a plot of output voltage and error for multiple
AD8318 devices measured at 5.8 GHz. The concentration of
black error plots represents the performance of the population
at 25°C (slope and intercept are calculated for each device).
The red and blue curves indicate the measured behavior of a
population of devices over temperature. This suggests a range
on the drift (from device to device) of 1.2 dB.
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65
–55
–45
–35
–25
–15
–5
5
15
PIN (dBm)
2.0
–2.0
–1.6
–1.2
–0.8
–0.4
0
0.4
0.8
1.2
1.6
Figure 36. Output Voltage and Error vs. Temperature (+25°C, −40°C, and
+85°C) of a Population of Devices Measured at 5.8 GHz
TEMPERATURE DRIFT AT DIFFERENT
TEMPERATURES
Figure 37 shows the log slope and error over temperature for
a 5.8 GHz input signal. Error due to drift over temperature
consistently remains within ±0.5 dB, and only begins to exceed
this limit when the ambient temperature drops below −20°C.
When using a reduced temperature range, higher measurement
accuracy is achievable for all frequencies.
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–65 –60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
PIN (dBm)
2.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
VOUT +25°C
VOUT 0°C
ERROR –10°C
VOUT –40°C
VOUT +70°C
ERROR –20°C
VOUT +85°C
ERROR +25°C
ERROR 0°C
VOUT –20°C
ERROR +85°C
VOUT –10°C
ERROR –40°C
ERROR +70°C
Figure 37. Typical Drift at 5.8 GHz for Various Temperatures
SETTING THE OUTPUT SLOPE IN MEASUREMENT
MODE
To operate in measurement mode, VOUT is connected to VSET.
This yields the typical logarithmic slope of −25 mV/dB. The
output swing corresponding to the specified input range is then
approximately 0.5 V to 2.1 V. The slope and output swing can be
increased by placing a resistor divider between VOUT and
VSET (that is, one resistor from VOUT to VSET and one
resistor from VSET to common).
As an example, if two equal resistors, such as 10 kΩ/10 kΩ, are
used, the slope doubles to approximately −50 mV/dB. The input
impedance of VSET is approximately 500 kΩ. Keep slope setting
resistors below ~50 kΩ to prevent this input impedance from
affecting the resulting slope. When increasing the slope, the
new output voltage range cannot exceed the output voltage
swing capability of the output stage. Refer to the Measurement
Mode section for further details.
VOUT
AD8318
–50mV/dB
VSET
10kΩ
10kΩ
Figure 38. Increasing the Slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com