Electronic Components Datasheet Search
  English  ▼

X  

ADL5310 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5310
Description  Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310 Datasheet(HTML) 4 Page - Analog Devices

  ADL5310 Datasheet HTML 1Page - Analog Devices ADL5310 Datasheet HTML 2Page - Analog Devices ADL5310 Datasheet HTML 3Page - Analog Devices ADL5310 Datasheet HTML 4Page - Analog Devices ADL5310 Datasheet HTML 5Page - Analog Devices ADL5310 Datasheet HTML 6Page - Analog Devices ADL5310 Datasheet HTML 7Page - Analog Devices ADL5310 Datasheet HTML 8Page - Analog Devices ADL5310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADL5310
Data Sheet
Rev. B | Page 4 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltage VP
− VN
12 V
Input Current
20 mA
Internal Power Dissipation
500 mW
θJA
35°C/W1
Maximum Junction Temperature
125°C
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range (Soldering 60 sec)
300°C
1
With paddle soldered down.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com