Electronic Components Datasheet Search
  English  ▼

X  

ADL5310 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5310
Description  Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310 Datasheet(HTML) 3 Page - Analog Devices

  ADL5310 Datasheet HTML 1Page - Analog Devices ADL5310 Datasheet HTML 2Page - Analog Devices ADL5310 Datasheet HTML 3Page - Analog Devices ADL5310 Datasheet HTML 4Page - Analog Devices ADL5310 Datasheet HTML 5Page - Analog Devices ADL5310 Datasheet HTML 6Page - Analog Devices ADL5310 Datasheet HTML 7Page - Analog Devices ADL5310 Datasheet HTML 8Page - Analog Devices ADL5310 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADL5310
Rev. B | Page 3 of 20
SPECIFICATIONS
VP = 5 V, VN = 0 V, TA = 25°C, RREF = 665 kΩ, and VRDZ connected to VREF, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT INTERFACE
Pin 1 to Pin 6: INP1 and INP2, IRF1 and IRF2, VSUM
Specified Current Range, IPD
Flows toward INP1 pin or INP2 pin
3 n
3 m
A
Input Current Min/Max Limits
Flows toward INP1 pin or INP2 pin
10 m
A
Reference Current, IREF, Range
Flows toward IRF1 pin or IRF2 pin
3 n
3 m
A
Summing Node Voltage
Internally preset; user alterable
0.46
0.5
0.54
V
Temperature Drift
–40°C < TA < +85°C
0.030
mV/°C
Input Offset Voltage
VIN
− VSUM, VIREF − VSUM
−20
+20
mV
LOGARITHMIC OUTPUTS
Pin 15 and Pin 16: LOG1 and LOG2
Logarithmic Slope
190
200
210
mV/dec
–40°C < TA < +85°C
185
215
mV/dec
Logarithmic Intercept1
165
300
535
pA
–40°C < TA < +85°C
40
1940
pA
Law Conformance Error
10 nA < IPD < 1 mA
0.1
0.4
dB
3 nA < IPD < 3 mA
0.3
0.6
dB
Wideband Noise2
IPD > 3 µA; output referred
0.5
µV/√Hz
Small Signal Bandwidth2
IPD = 3 µA
1.5
MHz
Maximum Output Voltage
1.7
V
Minimum Output Voltage
Limited by VN = 0 V
0.10
V
Output Resistance
4.375
5
5.625
kΩ
REFERENCE OUTPUT
Pin 7 and Pin 24 (internally shorted): VREF
Voltage wrt Ground
2.45
2.5
2.55
V
–40°C < TA < +85°C
2.42
2.58
V
Maximum Output Current
Sourcing (grounded load)
20
mA
Incremental Output Resistance
Load current < 10 mA
4
Ω
OUTPUT BUFFERS
Pins 12 to 14 and 17 to 19: OUT2, SCL2, BIN2, BIN1, SCL1,
and OUT1
Input Offset Voltage
−20
+20
mV
Input Bias Current
Flowing out of Pins 13, 14, 17, and 18
0.4
µA
Incremental Input Resistance
35
MΩ
Incremental Output Resistance
Load current < 10 mA; gain = 1
0.5
Ω
Output High Voltage
RL = 1 kΩ to ground
VP
− 0.1
V
Output Low Voltage
RL = 1 kΩ to ground
0.10
V
Peak Source/Sink Current
30
mA
Small-Signal Bandwidth
Gain = 1
15
MHz
Slew Rate
0.2 V to 4.8 V output swing
15
V/µs
POWER SUPPLY
Pins 8 and 9: VPOS; Pins 10, 11, and 20: VNEG
Positive Supply Voltage
(VP – VN ) ≤ 12 V
3
5
12
V
Quiescent Current
Input currents < 10 µA
9.5
11.5
mA
Negative Supply Voltage (Optional)
(VP – VN ) ≤ 12 V
−5.5
0
V
1
Other values of logarithmic intercept can be achieved by adjustment of RREF.
2
Output noise and incremental bandwidth are functions of input current; measured using output buffer connected for GAIN = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com