Electronic Components Datasheet Search
  English  ▼

X  

ADL5310 Datasheet(PDF) 11 Page - Analog Devices

Part # ADL5310
Description  Dual Logarithmic Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5310 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADL5310 Datasheet HTML 7Page - Analog Devices ADL5310 Datasheet HTML 8Page - Analog Devices ADL5310 Datasheet HTML 9Page - Analog Devices ADL5310 Datasheet HTML 10Page - Analog Devices ADL5310 Datasheet HTML 11Page - Analog Devices ADL5310 Datasheet HTML 12Page - Analog Devices ADL5310 Datasheet HTML 13Page - Analog Devices ADL5310 Datasheet HTML 14Page - Analog Devices ADL5310 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADL5310
Rev. B | Page 11 of 20
GENERAL STRUCTURE
The ADL5310 addresses a wide variety of interfacing conditions
to meet the needs of fiber optic supervisory systems and is useful
in many nonoptical applications. These notes explain the structure
of this unique style of translinear log amp. Figure 33 shows the
key elements of one of the two identical on-board log amps.
Q2
Q1
451
Ω
14.2k
Ω
80k
Ω
20k
Ω
6.69k
Ω
PHOTODIODE
INPUT
CURRENT
BIAS
GENERATOR
TEMPERATURE
COMPENSATION
(SUBTRACT AND
DIVIDE BY T°K)
VRDZ
COMM
COMM
VLOG
VNEG (NORMALLY GROUNDED)
VSUM
INP1
(INP2)
VREF
IREF
IREF
VBE1
VBE2
IPD
VBE1
VBE2
44
µA/dec
2.5V
0.5V
0.5V
0.5V
Figure 33. Simplified Schematic of Single Log Amp
The photodiode current IPD is received at either Pin INP1 or
Pin INP2. The voltages at these nodes are approximately equal
to the voltage on the adjacent guard pins, VSUM, as well as reference
inputs IRF1 and IRF2, due to the low offset voltage of the JFET
operational amplifiers. Transistor Q1 converts IPD to a corre-
sponding logarithmic voltage, as shown in Equation 1. A finite
positive value of VSUM is needed to bias the collector of Q1 for
the usual case of a single-supply voltage. This is internally set to
0.5 V, one-fifth of the 2.5 V reference voltage that appears on
Pin VREF. Both VREF pins are internally shorted, as are both
VSUM pins. The resistance at the VSUM pin is nominally 16 kΩ;
this voltage is not intended as a general bias source.
The ADL5310 also supports the use of an optional negative supply
voltage, VN, at Pin VNEG. When VN is 0.5 V or more negative,
VSUM may be connected to ground; thus, INP1, INP2, IRF1,
and IRF2 assume this potential. This allows operation as a voltage-
input logarithmic converter by the inclusion of a series resistor
at either or both inputs. Note that the resistor setting IREF for
each channel needs to be adjusted to maintain the intercept value.
Also, note that the collector-emitter voltages of Q1 and Q2 are
the full VN and effects due to self-heating cause errors at large
input currents.
The input-dependent VBE1 of Q1 is compared with the reference
VBE2 of a second transistor, Q2, operating at IREF. IREF is generated
externally to a recommended value of 3 µA. However, other
values over a several-decade range can be used with a slight
degradation in law conformance.
THEORY
The base-emitter voltage of a bipolar junction transistor (BJT)
can be expressed by Equation 1, which immediately shows its
basic logarithmic nature:
VBE = kT/q ln(IC/IS)
(1)
where:
IC is the collector current.
IS is a scaling current, typically only 10–17 A.
kT/q is the thermal voltage, proportional to absolute
temperature (PTAT), and is 25.85 mV at 300 K.
IS is never precisely defined and exhibits an even stronger temper-
ature dependence, varying by a factor of roughly a billion between
−35°C and +85°C. Thus, to make use of the BJT as an accurate
logarithmic element, both of these temperature dependencies
must be eliminated.
The difference between the base-emitter voltages of a matched
pair of BJTs, one operating at the photodiode current IPD and
the other operating at a reference current IREF, can be written as
VBE1 – VBE2 = kT/q ln(IPD/IS) – kT/q ln(IREF/IS)
= ln(10) kT/q log10(IPD/IREF)
(2)
= 59.5 mV log10(IPD/IREF) (T = 300 K)
The uncertain, temperature-dependent saturation current, IS,
that appears in Equation 1 has therefore been eliminated. To
eliminate the temperature variation of kT/q, this difference
voltage is processed by what is essentially an analog divider.
Effectively, it puts a variable under Equation 2. The output of
this process, which also involves a conversion from voltage
mode to current mode, is an intermediate, temperature-
corrected current:
ILOG = IY log10(IPD/IREF)
(3)
where IY is an accurate, temperature-stable scaling current that
determines the slope of the function (change in current per
decade).
For the ADL5310, IY is 44 µA, resulting in a temperature-
independent slope of 44 µA/decade for all values of IPD and IREF.
This current is subsequently converted back to a voltage-mode
output, VLOG, scaled 200 mV/decade.
It is apparent that this output is 0 for IPD = IREF and must swing
negative for smaller values of input current. To avoid this, IREF
would need to be as small as the smallest value of IPD. Accordingly,
an offset voltage is added to VLOG to shift it upward by 0.8 V when
VRDZ is directly connected to VREF. This moves the intercept
to the left by four decades (at 200 mV/decade), from 3 μA to
300 pA:
ILOG = IY log10(IPD/IINTC)
(4)
where IINTC is the operational value of the intercept current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com