Electronic Components Datasheet Search
  English  ▼

X  

MAX9293 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9293
Description  3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9293 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9293 Datasheet HTML 9Page - Maxim Integrated Products MAX9293 Datasheet HTML 10Page - Maxim Integrated Products MAX9293 Datasheet HTML 11Page - Maxim Integrated Products MAX9293 Datasheet HTML 12Page - Maxim Integrated Products MAX9293 Datasheet HTML 13Page - Maxim Integrated Products MAX9293 Datasheet HTML 14Page - Maxim Integrated Products MAX9293 Datasheet HTML 15Page - Maxim Integrated Products MAX9293 Datasheet HTML 16Page - Maxim Integrated Products MAX9293 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 86 page
background image
(VRVDD =VDVDD = VAVDD = 1.7V to 1.9V, VHVDD = 3.135V to 3.465V, VIOVDD = 1.7V to 3.6V, VPLLVDD = VXVDD = 3.0V to 3.6V, RL
= 100Ω ±1% (differential), RL = 50Ω ±1% (single-ended), EP connected to PCV PCB ground, TA = -40°C to +105°C, unless otherwise
noted. Typical values are at VRVDD = VDVDD = VAVDD = VIOVDD = 1.8V, VHVDD = VPLLVDD = VXVDD = 3.3V, TA = +25°C.)
AC Electrical Characteristics (continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Low Period of SCL Clock
tLOW
fSCL range
Low
4.7
µs
Mid
1.3
High
0.5
High Period of SCL Clock
tHIGH
fSCL range
Low
4.0
µs
Mid
0.6
High
0.26
Repeated START Condition
Setup Time
tSU:STA
fSCL range
Low
4.7
µs
Mid
0.6
High
0.26
Data Hold Time
tHD:DAT
fSCL range
Low
0
µs
Mid
0
High
0
Data Setup Time
tSU:DAT
fSCL range
Low
250
ns
Mid
100
High
50
Setup Time for STOP Condition
tSU:STO
fSCL range
Low
4.0
µs
Mid
0.6
High
0.26
Bus Free Time
tBUF
fSCL range
Low
4.7
µs
Mid
1.3
High
0.5
Data Valid Time
tVD:DAT
fSCL range
Low
3.45
µs
Mid
0.9
High
0.45
Data Valid Acknowledge Time
tVD:ACK
fSCL range
Low
3.45
µs
Mid
0.9
High
0.45
Pulse Width of Spikes Suppressed
tSP
fSCL range
Low
50
ns
Mid
50
High
50
Capacitive Load Each Bus Line
CB
100
pF
SINGLE-ENDED OUTPUTS (GPO, SD, SCK, WS, INTOUT)
Rise-and-Fall Time
tR, tF
20% to
80%, CL =
10pF
(Note 5)
VIOVDD = 1.7V to
1.9V
0.5
3.6
ns
VIOVDD = 3.0 to
3.6V
0.3
2.2
MAX9291/MAX9293
3.12Gbps GMSL Serializers
for Coax or STP Output and HDMI Input
www.maximintegrated.com
Maxim Integrated │ 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com