Electronic Components Datasheet Search
  English  ▼

X  

MAX9293 Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX9293
Description  3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9293 Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX9293 Datasheet HTML 35Page - Maxim Integrated Products MAX9293 Datasheet HTML 36Page - Maxim Integrated Products MAX9293 Datasheet HTML 37Page - Maxim Integrated Products MAX9293 Datasheet HTML 38Page - Maxim Integrated Products MAX9293 Datasheet HTML 39Page - Maxim Integrated Products MAX9293 Datasheet HTML 40Page - Maxim Integrated Products MAX9293 Datasheet HTML 41Page - Maxim Integrated Products MAX9293 Datasheet HTML 42Page - Maxim Integrated Products MAX9293 Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 86 page
background image
wake-up and GPI generate transitions on the control
channel that can be ignored by the µC. Data written to
the serializer registers do not take effect until after the
acknowledge byte is sent. This allows the µC to verify
that write commands are received without error, even if
the result of the write command directly affects the serial
link. The slave uses the SYNC byte to synchronize with
the host UART’s data rate. If the GPI or MS inputs of the
deserializer toggle while there is control-channel com-
munication, or if a line fault occurs, the control-channel
communication will be corrupted. In the event of a missed
or delayed acknowledge (~1ms due to control-channel
timeout), the µC should assume there was an error in
the packet transmission or response. In base mode,
the µC must keep the UART Tx/Rx lines high no more
than four bit times between bytes in a packet. Keep
UART Tx/Rx lines high for at least 16 bit times before
starting to send a new packet.
As shown in Figure 25, the remote-side device converts
packets going to or coming from the peripherals from
UART format to I2C format and vice versa. The remote
device removes the byte number count and adds or
receives the ACK between the data bytes of I2C. The I2C
bit rate is the same as the UART bit rate.
Interfacing Command-Byte-Only I2C Devices
with UART
The serializers’ UART-to-I2C conversion can interface
with devices that do not require register addresses, such
as the MAX7324 GPIO expander. In this mode, the I2C
master ignores the register address byte and directly reads/
writes the subsequent data bytes (Figure 26). Change the
communication method of the I2C master using the
I2CMETHOD bit. I2CMETHOD = 1 sets command-byte-
only mode, while I2CMETHOD = 0 sets normal mode
where the first byte in the data stream is the register
address.
UART Bypass Mode
In bypass mode, the serializers ignore UART
commands from the µC and the µC communicates with the
peripherals directly using its own defined UART
protocol. The µC cannot access the serializer/deseri-
alizer’s registers in this mode. Peripherals accessed
through the forward control channel using the UART
interface need to handle at least one RXC_ period
±10ns of jitter due to the asynchronous sampling of
the UART signal by RXC_. Set MS = high in the serial-
izer to put the control channel into bypass mode. For
applications with the µC connected to the deserializer,
set the MS pin on the deserializer. There is a 1ms
wait time between switching MS and the bypass con-
Figure 26. Format Conversion Between GMSL UART and I2C without Register Address (I2CMETHOD = 1)
MASTER TO SLAVE
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
SERIALIZER/DESERIALIZER
UART-TO-I2C CONVERSION OF READ PACKET (I2CMETHOD = 1)
UART-TO-I2C CONVERSION OF WRITE PACKET (I2CMETHOD = 1)
µC
SERIALIZER/DESERIALIZER
µC
SYNC FRAME
11
11
11
11
11
11
11
11
11
11
11
11
11
11
DEVICE ID + RD
REGISTER ADDRESS NUMBER OF BYTES
SYNC FRAME
DEVICE ID + WR
REGISTER ADDRESS NUMBER OF BYTES
DATA 0
DATA N
ACK FRAME
ACK FRAME
DATA 0
DATA N
DATA N
A
DATA 0
W A
DEV ID
S
A P
PERIPHERAL
PERIPHERAL
S
1
1 1
8
8
8
1
1
1
1
7
1 1
8
1
1 1
7
DEV ID R A
A
A P
DATA 0
DATA N
SLAVE TO MASTER
S: START
P: STOP
A: ACKNOWLEDGE
MAX9291/MAX9293
3.12Gbps GMSL Serializers
for Coax or STP Output and HDMI Input
www.maximintegrated.com
Maxim Integrated │ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com