Electronic Components Datasheet Search
  English  ▼

X  

MAX9293 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX9293
Description  3.12Gbps GMSL Serializers for Coax or STP Output and HDMI Input
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9293 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX9293 Datasheet HTML 17Page - Maxim Integrated Products MAX9293 Datasheet HTML 18Page - Maxim Integrated Products MAX9293 Datasheet HTML 19Page - Maxim Integrated Products MAX9293 Datasheet HTML 20Page - Maxim Integrated Products MAX9293 Datasheet HTML 21Page - Maxim Integrated Products MAX9293 Datasheet HTML 22Page - Maxim Integrated Products MAX9293 Datasheet HTML 23Page - Maxim Integrated Products MAX9293 Datasheet HTML 24Page - Maxim Integrated Products MAX9293 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
Figure 1. Serial Output Parameters
Figure 2. Output Waveforms at OUT+, OUT-
Figure 3. Single-Ended Output Template
OUT-
VOD
VOS
GND
RL/2
RL/2
OUT+
OUT-
OUT+
(OUT+) - (OUT-)
VOS(-)
VOS(+)
((OUT+) + (OUT-))/2
VOS(-)
VOD(-)
VOD(-)
VOD = 0V
DVOS = |VOS(+) - VOS(-)|
DVOD = |VOD(+) - VOD(-)|
VOD(+)
OUT+
OUT-
VOS
VOD(P)
VOD(D)
SERIAL-BIT
TIME
OUT+
OR
OUT-
VO/2
VO/2
VO
VO
MAX9291/MAX9293
3.12Gbps GMSL Serializers
for Coax or STP Output and HDMI Input
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com