Electronic Components Datasheet Search
  English  ▼

X  

D40B Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # D40B
Description  Compact Non-contact Door Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40B Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button D40B Datasheet HTML 2Page - Omron Electronics LLC D40B Datasheet HTML 3Page - Omron Electronics LLC D40B Datasheet HTML 4Page - Omron Electronics LLC D40B Datasheet HTML 5Page - Omron Electronics LLC D40B Datasheet HTML 6Page - Omron Electronics LLC D40B Datasheet HTML 7Page - Omron Electronics LLC D40B Datasheet HTML 8Page - Omron Electronics LLC D40B Datasheet HTML 9Page - Omron Electronics LLC D40B Datasheet HTML 10Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
G-203
F3SL
Wiring Example for 1 Sensor and 2 Contactors (with D40B-J2):
Auto-reset
The configuration in this example is for auto-reset and contactor monitoring.
Wiring Example for 3 Sensors and 2 Contactors (with D40B-J2):
Auto-reset
The configuration in this example is for auto-reset and contactor monitoring.
Manual Start
If manual start is required, insert start switch S1 between X1 and X2
as shown below. Monitored start is not possible.
Operation Flowchart
M
2
1 A1 +
31
13 23
34 A2
− X1 X2
32
14 24
KM1
KM2
KM1 KM2
KM1
KM2
Operation Flowchart
Guard door
D40B-J2
Controller
Blue*
Yellow*
Green*
Red*
Fuse
Switch: NO contact
Switch: NC contact
D40B-J2 safety output
KM1, KM2: NC contact
KM1, KM2: NO contact
See Manual
Start on page 9.
Note: The circuit in this example is equivalent to a Category 3 circuit.
*This example applies to Standard or Elongated Sensors. The wire colors for the High-temperature Type Sensors are different. Refer to Sensor and Controller
Connection Examples on page 10.
M
21 A1 +
31
13 23
34 A2
− X1 X2
32
14 24
KM1 KM2
KM1
KM2
KM1
KM2
Operation Flowchart
Guard door
D40B-J2
Controller
Blue*
Yellow*
Green*
Red*
Fuse
Switch: NO contact
Switch: NC contact
D40B-J2 safety output
KM1, KM2: NC contact
KM1, KM2: NO contact
See Manual
Start below.
Note 1: The circuit in this example is equivalent to a Category 3 circuit.
Note 2: If two or more Sensors are connected to one Controller, all of the guard doors must open and close independently. If two or more doors open and close at
the same time, it is possible that a fault may not be detected.
Note 3: Up to six Sensors can be connected to a single Controller.
*This example applies to Standard or Elongated Sensors. The wire colors for the High-temperature Type Sensors are different. Refer to Sensor and Controller
Connection Examples on page 10.
Guard door
Guard door
Blue
Yellow
Green
Red
Blue
Yellow
Green
Red
Blue
Yellow
Green
Red
X1 X2
KM1
KM2
Start switch S1
Start switch S1
Switch: NO contact
Switch: NC contact
D40B-J1 safety output
KM1, KM2: NC contact
KM1, KM2: NO contact
F502-EN2-04.book Seite 203 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com