Electronic Components Datasheet Search
  English  ▼

X  

D40B Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D40B
Description  Compact Non-contact Door Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40B Datasheet(HTML) 4 Page - Omron Electronics LLC

  D40B Datasheet HTML 1Page - Omron Electronics LLC D40B Datasheet HTML 2Page - Omron Electronics LLC D40B Datasheet HTML 3Page - Omron Electronics LLC D40B Datasheet HTML 4Page - Omron Electronics LLC D40B Datasheet HTML 5Page - Omron Electronics LLC D40B Datasheet HTML 6Page - Omron Electronics LLC D40B Datasheet HTML 7Page - Omron Electronics LLC D40B Datasheet HTML 8Page - Omron Electronics LLC D40B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
G-200
Safety Sensors / Components
Approved Standards
• EN standards certified by TÜV Nord
EN954-1
EN/IEC60204-1
EN/IEC60947-5-3
• UL508, CSA C22.2 No. 14
• EN1088 conformance
Internal Connection Diagram
D40B-J1
D40B-J2
Note: 1. If a 100/230 VAC power supply is used, connect it to the A1
and A2 terminals. Do not connect the power supply to the +
and
−terminals.
2. If a 24 VDC power supply is used, connect it to the + and
−
terminals. Do not connect the power supply to the A1 and
A2 terminals.
Engineering Data
Detection Ranges
3
4
A2
A1
X1
X2
14
22
2
1
13
21
NC
MOS
output
Control circuit
Do not connect a 100/230 VAC power supply to the +
and
−terminals.
Doing so may result in electric shock.
3
4
A2
A1
X1
X2
14
32
2
1
13
31
24
23
−
+
Control circuit
!WARNING
16
14
12
10
8
6
4
2
0
−6
−4
−20
2
4
6
Distance from the target mark on the switch X (mm)
ON
OFF
16
14
12
10
8
6
4
2
0
−6
−4
−20
2
4
6
ON
OFF
25
20
15
10
5
0
−6
−4
−20
2
4
6
ON
OFF
Distance from the target mark on the switch X (mm)
Distance from the target mark on the switch X (mm)
Standard Sensor
Elongated Sensor
High-temperature Type Sensor
F502-EN2-04.book Seite 200 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com