Electronic Components Datasheet Search
  English  ▼

X  

D40B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # D40B
Description  Compact Non-contact Door Switch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D40B Datasheet(HTML) 2 Page - Omron Electronics LLC

  D40B Datasheet HTML 1Page - Omron Electronics LLC D40B Datasheet HTML 2Page - Omron Electronics LLC D40B Datasheet HTML 3Page - Omron Electronics LLC D40B Datasheet HTML 4Page - Omron Electronics LLC D40B Datasheet HTML 5Page - Omron Electronics LLC D40B Datasheet HTML 6Page - Omron Electronics LLC D40B Datasheet HTML 7Page - Omron Electronics LLC D40B Datasheet HTML 8Page - Omron Electronics LLC D40B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
G-198
Safety Sensors / Components
Ordering Information
List of Models
Sensors (Switches/Actuators)
Note: A Sensor used in combination with a Controller is classified Category 3.
Controllers
Note: 1. MOS output.
2. Non-safety output.
Accessories
Classification
Shape
Auxiliary output
Cable length
Model
Standard Sensor
None
3 m
D40B-1B3
10 m
D40B-1B10
1 NC
3 m
D40B-1D3
10 m
D40B-1D10
Elongated Sensor
None
3 m
D40B-2B3
10 m
D40B-2B10
1 NC
3 m
D40B-2D3
10 m
D40B-2D10
High-temperature Type
Sensor
1 NC
5 m
D40B-3D5C
1 NO
D40B-3E5C
Safety contacts
Auxiliary contacts/output
(See note 2.)
Rated voltage
Model
1 NO
1 NC (See note 1.)
24 VAC/VDC
D40B-J1
2 NO
1 NC
24 VAC/VDC
110/230 VAC
D40B-J2
Classification
Model
Fuse
D9M-P1
W
× H × D: 48 × 25 × 12
W
× H × D: 19 × 82 × 19
W
× H × D: 33.5 × 78.5 × 16
F502-EN2-04.book Seite 198 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com