Electronic Components Datasheet Search
  English  ▼

X  

LIA120STR Datasheet(PDF) 4 Page - IXYS Corporation

Part # LIA120STR
Description  Optically Isolated Linear Error Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120STR Datasheet(HTML) 4 Page - IXYS Corporation

  LIA120STR Datasheet HTML 1Page - IXYS Corporation LIA120STR Datasheet HTML 2Page - IXYS Corporation LIA120STR Datasheet HTML 3Page - IXYS Corporation LIA120STR Datasheet HTML 4Page - IXYS Corporation LIA120STR Datasheet HTML 5Page - IXYS Corporation LIA120STR Datasheet HTML 6Page - IXYS Corporation LIA120STR Datasheet HTML 7Page - IXYS Corporation LIA120STR Datasheet HTML 8Page - IXYS Corporation LIA120STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.clare.com
4
LIA120
Rev. 2.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
LIA120
LED Current vs. Cathode Voltage
VCOMP - Cathode Voltage (V)
-1.0
15
10
5
0
-5
-10
-15
-0.5
0.0
0.5
1.0
1.5
LIA120
LED Current vs. Cathode Voltage
VCOMP - Cathode Voltage (V)
-1.0
150
120
90
60
30
0
-30
-60
-90
-120
-150
-0.5
0.0
0.5
1.0
1.5
LIA120
Reference Voltage vs.
Ambient Temperature
-40
1.30
1.37
1.24
1.21
1.18
-20
0
20
40
60
80
ILED = 10mA
LIA120
Reference Current vs.
Ambient Temperature
-40
350
300
250
200
150
100
50
-20
0
20
40
60
80
100
ILED = 10mA
R1 = 10 kΩ
LIA120
Off Current vs. Ambient Temperature
-40
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
VIN = 10V
VFB = 0
LIA120
LED Forward Current vs. Forward Voltage
VF - Forward-Voltage (V)
20
15
10
5
0
1.0
1.1
1.2
1.3
1.4
1.5
85ºC
-5ºC
LIA120
Dark Current vs. Temperature
VKA = 10V
-40
50
40
30
20
10
0
-10
-20
0
20
40
60
80
100
LIA120
Cathode Current vs. Ambient Temperature
VKA = 5V
ILED = 20mA
ILED = 10mA
ILED = 5mA
ILED = 1mA
-40
1400
1200
1000
800
600
400
200
0
-20
0
20
40
60
80
100
LIA120
Current Transfer Ratio vs LED Current
ILED - Forward Current (mA)
VKA = 5V
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
10
20
30
40
50
LIA120
Cathode Current vs. Photodiode Voltage
VKA (V)
0
500
450
400
350
300
250
200
150
100
50
0
1
2
3
4
5
6
7
8
9
10
ILED = 20mA
ILED = 10mA
ILED = 5mA
ILED = 1mA
LIA120
Bandwidth vs. Temperature for
High Frequency Applications
0
50
40
30
20
10
0
10
20
30
40
50
60
70
80
90
LIA120
Voltage Gain vs. Frequency
Frenquency kHz
10
60
40
20
0
100
1000



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com