Electronic Components Datasheet Search
  English  ▼

X  

LIA120STR Datasheet(PDF) 1 Page - IXYS Corporation

Part # LIA120STR
Description  Optically Isolated Linear Error Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120STR Datasheet(HTML) 1 Page - IXYS Corporation

  LIA120STR Datasheet HTML 1Page - IXYS Corporation LIA120STR Datasheet HTML 2Page - IXYS Corporation LIA120STR Datasheet HTML 3Page - IXYS Corporation LIA120STR Datasheet HTML 4Page - IXYS Corporation LIA120STR Datasheet HTML 5Page - IXYS Corporation LIA120STR Datasheet HTML 6Page - IXYS Corporation LIA120STR Datasheet HTML 7Page - IXYS Corporation LIA120STR Datasheet HTML 8Page - IXYS Corporation LIA120STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.clare.com
DS-LIA120-R02.0
1
LIA120
Optically Isolated Linear Error Amplifier
Part #
Description
LIA120S
8 Pin Surface Mount (50/Tube)
LIA120STR
Tape and Reel (1000/Reel)
Applications
Features
Description
Ordering Information
Block Diagram
•
Power supply feedback
•
Telecom central office supply
•
Telecom bricks
•
Modem transformer replacement
•
Digital telephone isolation
•
Optocoupler, precision reference and error
amplifier in single package
•
Low voltage operation 2.7V
•
1.240V ± 2.5% reference
•
CTR Matching 15%
•
>70dB THD
•
70dB CMRR
•
3,750V
rms isolation
•
UL approval pending
The LIA120 Optically Isolated Reference Amplifier
combines Clare’s linear optical coupler technology
with an industry standard 431 type precision
programmable shunt regulator to provide very
linear high gain with excellent temperature stability
for a total gain error of less than 2dB. By using
optical feedback, the LIA120 essentially eliminates
temperature and gain variations due to current
transfer ratio (CTR) changes in optocouplers while
increasing the bandwidth up to 10X and easing
engineering design constraints.
The LIA120 is very well suited for high gain feedback
amplifiers that require excellent linearity and low
temperature variation such as isolated power
supply feedback stages, modem audio transformer
replacement, isolated industrial control signals, and
sensor feedback.
By using the LIA120, system designers can save
precious board space and reduce component count.
Available in an 8 pin surface mount package.
1
2
3
4
5
6
7
8 LED (Input)
FB
COMP
GND
NC
K
A
NC


Similar Part No. - LIA120STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LIA120STR CLARE-LIA120STR Datasheet
1Mb / 9P
Optically Isolated Linear Error Amplifier
logo
IXYS Corporation
LIA120STR IXYS-LIA120STR Datasheet
203Kb / 10P
Optically Isolated Linear Error Amplifier
More results

Similar Description - LIA120STR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD2711 FAIRCHILD-FOD2711 Datasheet
594Kb / 15P
optically isolated error amplifier
FOD2741A FAIRCHILD-FOD2741A Datasheet
189Kb / 15P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A Datasheet
567Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2742A FAIRCHILD-FOD2742A_04 Datasheet
165Kb / 13P
OPTICALLY ISOLATED ERROR AMPLIFIER
FOD2743A FAIRCHILD-FOD2743A_08 Datasheet
322Kb / 16P
Optically Isolated Error Amplifier
logo
Clare, Inc.
LIA120 CLARE-LIA120 Datasheet
1Mb / 9P
Optically Isolated Linear Error Amplifier
logo
IXYS Corporation
LIA120 IXYS-LIA120_12 Datasheet
203Kb / 10P
Optically Isolated Linear Error Amplifier
LIA130 IXYS-LIA130 Datasheet
175Kb / 11P
Optically Isolated Error Amplifier
logo
Fairchild Semiconductor
FOD2742BR2 FAIRCHILD-FOD2742BR2 Datasheet
296Kb / 16P
Optically Isolated Error Amplifier
FOD2712R2 FAIRCHILD-FOD2712R2 Datasheet
331Kb / 15P
Optically Isolated Error Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com