Electronic Components Datasheet Search
  English  ▼

X  

LIA120STR Datasheet(PDF) 5 Page - IXYS Corporation

Part # LIA120STR
Description  Optically Isolated Linear Error Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LIA120STR Datasheet(HTML) 5 Page - IXYS Corporation

  LIA120STR Datasheet HTML 1Page - IXYS Corporation LIA120STR Datasheet HTML 2Page - IXYS Corporation LIA120STR Datasheet HTML 3Page - IXYS Corporation LIA120STR Datasheet HTML 4Page - IXYS Corporation LIA120STR Datasheet HTML 5Page - IXYS Corporation LIA120STR Datasheet HTML 6Page - IXYS Corporation LIA120STR Datasheet HTML 7Page - IXYS Corporation LIA120STR Datasheet HTML 8Page - IXYS Corporation LIA120STR Datasheet HTML 9Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LIA120
www.clare.com
5
Rev. 2.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our
application department.
LIA120
Output Linearity
THD for 40dB Setup
-1.00E+02
-9.00E+01
-8.00E+01
-7.00E+01
-6.00E+01
-5.00E+01
-4.00E+01
-3.00E+01
-2.00E+01
-1.00E+01
0.00E+00
1.0E+
03
2.0E+
03
3.0E+
03
4.0E+
03
5.0E+
03
6.0E+
03
7.0E+
03
8.0E+
03
9.0E+
03
Frequency (Hz)
LIA120
Noise Spectrum for 40dB Gain Setup
(220K/2.2K Gain)
-140
-120
-100
-80
-60
-40
-20
0
1.000E+02 1.000E+03 1.000E+04 1.000E+05
Frequency (Hz)
Input Spectrum at FB
Output Spectrum



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com