Electronic Components Datasheet Search
  English  ▼

X  

TLE4727 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4727
Description  2-Phase Stepper-Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4727 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4727 Datasheet HTML 5Page - Infineon Technologies AG TLE4727 Datasheet HTML 6Page - Infineon Technologies AG TLE4727 Datasheet HTML 7Page - Infineon Technologies AG TLE4727 Datasheet HTML 8Page - Infineon Technologies AG TLE4727 Datasheet HTML 9Page - Infineon Technologies AG TLE4727 Datasheet HTML 10Page - Infineon Technologies AG TLE4727 Datasheet HTML 11Page - Infineon Technologies AG TLE4727 Datasheet HTML 12Page - Infineon Technologies AG TLE4727 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TLE 4727
Datasheet
9
2005-07-20
Quiescent Current
I
S versus Supply Voltage
VS; bridges not chopping; Tj = 25 °C
Oscillator Frequency
fOSC versus
Junction Temperature
T
j
Quiescent Current
I
S versus Junction Temp.
Tj; bridges not chopping; V
S = 14 V
Output Current
IQX versus
Junction Temperature
T
j
IED01780
5
0
V
mA
V
S
Ι
10
15
20
40
60
=
Ι
QX
0.70
20
10
30
50
S
A
0.50 A
A
0.07
15
20
25
30
kHz
-50
0
50
100 C 150
V S
OSC
C
= 14
= 2.2nF
OSC
f
j
T
IED01769
IED01781
-50
0
C
mA
T
S
Ι
0
50
20
40
60
=
Ι
QX
0.70 A
150
10
30
50
j
0.50 A
0.07 A
IED01782
-50
0
C
mA
T
QX
Ι
050
200
400
600
800
= L,
150
100
300
500
j
700
= 14 V
S
V
100
L
=
RX = 1
ΙX1
X0
Ι
X1 = L,
=
X0
Ι
H
Ι
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com