Electronic Components Datasheet Search
  English  ▼

X  

TLE4727 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4727
Description  2-Phase Stepper-Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4727 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4727 Datasheet HTML 1Page - Infineon Technologies AG TLE4727 Datasheet HTML 2Page - Infineon Technologies AG TLE4727 Datasheet HTML 3Page - Infineon Technologies AG TLE4727 Datasheet HTML 4Page - Infineon Technologies AG TLE4727 Datasheet HTML 5Page - Infineon Technologies AG TLE4727 Datasheet HTML 6Page - Infineon Technologies AG TLE4727 Datasheet HTML 7Page - Infineon Technologies AG TLE4727 Datasheet HTML 8Page - Infineon Technologies AG TLE4727 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Datasheet
1
2005-07-20
2-Phase Stepper-Motor Driver
Bipolar IC
TLE 4727
Overview
Features
• 2
× 0.7 amp. outputs
• Integrated driver, control logic and current control
(chopper)
• Fast free-wheeling diodes
• Max. supply voltage 45 V
• Outputs free of crossover current
• Offset-phase turn-ON of output stages
• All outputs short-circuit proof
• 5 V output for logic supply
• Error-flag for overload, open load, overtemperature
P-DIP-20-6
Description
The TLE 4727 is a bipolar, monolithic IC for driving bipolar stepper motors, DC motors
and other inductive loads that operate on constant current. The control logic and power
output stages for two bipolar windings are integrated on a single chip which permits
switched current control of motors with 0.7 A per phase at operating voltages up to 16 V.
The direction and value of current are programmable for each phase via separate control
inputs. A common oscillator generates the timing for the current control and turn-on with
phase offset of the two output stages. The two output stages in a full-bridge configuration
include fast integrated free-wheeling diodes and are free of crossover current. The
device can be driven directly by a microprocessor in several modes by programming
phase direction and current control of each bridge independently.
A stabilized 5 V output allows the supply of external components up to 5 mA. With the
error output the TLE 4727 signals malfunction of the device. Setting the control inputs
high resets the error flag and by reactivating the bridges one by one the location of the
error can be found.
Type
Ordering Code
Package
TLE 4727
on request
P-DIP-20-6


Similar Part No. - TLE4727

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4727 SIEMENS-TLE4727 Datasheet
222Kb / 22P
2-Phase Stepper-Motor Driver
More results

Similar Description - TLE4727

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54679FP MITSUBISHI-M54679FP Datasheet
191Kb / 9P
2-PHASE STEPPER MOTOR DRIVER
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
2-Phase Stepper Motor Driver
logo
Siemens Semiconductor G...
TLE4727 SIEMENS-TLE4727 Datasheet
222Kb / 22P
2-Phase Stepper-Motor Driver
logo
Renesas Technology Corp
M54670P RENESAS-M54670P Datasheet
194Kb / 11P
2-Phase Stepper Motor Driver
M54678FP RENESAS-M54678FP Datasheet
192Kb / 9P
2-Phase Stepper Motor Driver
M54646AP RENESAS-M54646AP Datasheet
191Kb / 9P
2-Phase Stepper Motor Driver
logo
ON Semiconductor
STK672-430AN-E ONSEMI-STK672-430AN-E Datasheet
825Kb / 26P
2-phase Stepper Motor Driver
January 2014 Ver. 2.2
STK672-442BN-E ONSEMI-STK672-442BN-E Datasheet
895Kb / 28P
2-phase Stepper Motor Driver
January, 2014 Ver. 2
STK672-630AN-E ONSEMI-STK672-630AN-E Datasheet
441Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
STK672-632AN-E ONSEMI-STK672-632AN-E Datasheet
466Kb / 28P
2-phase Stepper Motor Driver
February, 2014 Ver. 2.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com