Electronic Components Datasheet Search
  English  ▼

X  

TLE4727 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE4727
Description  2-Phase Stepper-Motor Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4727 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE4727 Datasheet HTML 14Page - Infineon Technologies AG TLE4727 Datasheet HTML 15Page - Infineon Technologies AG TLE4727 Datasheet HTML 16Page - Infineon Technologies AG TLE4727 Datasheet HTML 17Page - Infineon Technologies AG TLE4727 Datasheet HTML 18Page - Infineon Technologies AG TLE4727 Datasheet HTML 19Page - Infineon Technologies AG TLE4727 Datasheet HTML 20Page - Infineon Technologies AG TLE4727 Datasheet HTML 21Page - Infineon Technologies AG TLE4727 Datasheet HTML 22Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
TLE 4727
Datasheet
21
2005-07-20
Optimizing Noise Immunity
Unused inputs should always be wired to proper voltage levels in order to obtain highest
possible noise immunity.
To prevent crossconduction of the output stages the TLE 4727 uses a special break
before make timing of the power transistors. This timing circuit can be triggered by short
glitches (some hundred nanoseconds) at the Phase inputs causing the output stage to
become high resistive during some microseconds. This will lead to a fast current decay
during that time. To achieve maximum current accuracy such glitches at the Phase
inputs should be avoided by proper control signals.
To lower EMI a ceramic capacitor of max. 3 nF is advisable from each output to GND.
Thermal Shut Down
To protect the circuit against thermal destruction, thermal shut down has been
implemented.
Error Monitoring
The error output signals with low-potential one of the following errors:
overtemperature
implemented as pre-alarm; appears approximately 20 K before
thermal shut down.
short circuit
a connection of one output to GND for longer than 30
µs sets an
internal error flipflop. A phase change-over of the affected bridge
resets the flipflop. Being a separate flipflop for each bridge, the
error can be located in such way.
underload
the recirculation of the inductive load is watched. If there is no
recirculation after a phase change-over, the internal error flipflop is
set. Additionally an error is signaled after a phase change-over
during hold-mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com