Electronic Components Datasheet Search
  English  ▼

X  

IXD1216 Datasheet(PDF) 6 Page - Zilog, Inc.

Part # IXD1216
Description  28 V, 150 mA Voltage Regulator with Stand-by Mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1216 Datasheet(HTML) 6 Page - Zilog, Inc.

Back Button IXD1216 Datasheet HTML 2Page - Zilog, Inc. IXD1216 Datasheet HTML 3Page - Zilog, Inc. IXD1216 Datasheet HTML 4Page - Zilog, Inc. IXD1216 Datasheet HTML 5Page - Zilog, Inc. IXD1216 Datasheet HTML 6Page - Zilog, Inc. IXD1216 Datasheet HTML 7Page - Zilog, Inc. IXD1216 Datasheet HTML 8Page - Zilog, Inc. IXD1216 Datasheet HTML 9Page - Zilog, Inc. IXD1216 Datasheet HTML 10Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Product Specification
IXD1216
PS033901-0515
PRELIMINARY
6
PIN CONFIGURATION
SOT-25 (TOP VIEW)
SOT-89 (TOP VIEW)
SOT-89-5 (TOP VIEW)
USP-6C (BOTTOM VIEW)
SOT-223 (TOP VIEW)
TO-252 (TOP VIEW)
SOP-8FD (TOP VIEW)
PIN ASSIGNMENT
PIN NUMBER
PIN NAME
FUNCTIONS
SOT-25
SOT-89
SOT-89-5
USP-6C
SOT-223
TO-252
1
SOP-8FD
1
3
5
6
3
1
8
VIN
Power Input
2
2
2
5
2
2
6
VSS
Ground
5
1
1
1
1
3
1
VOUT
Output Voltage
4
3
3
4
CE
ON/OFF Control LOW
– Standby mode,
HIGH
– Active
1)
2
2, 3, 7
NC
No Connection
3
4
4
5
No Connection (B series)/FB (C series)
1)
CE pin does not have internal pull-down resistor. IC state is undefined, if this pin is open.
BLOCK DIAGRAMS
IXD1216B
IXD1216C
IXD1216D
Diodes inside the circuits are ESD protection diodes and parasitic diodes.
The dissipation pad for the
USP-6C package should be
solder-plated in respect with
mounting pattern and metal
mask
to
improve
heat
dissipation
and. mounting
strength. If the pad needs to
be connected to other pins,
it should be connected to
the VSS (No. 5) pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com