Electronic Components Datasheet Search
  English  ▼

X  

IXD1216 Datasheet(PDF) 1 Page - Zilog, Inc.

Part # IXD1216
Description  28 V, 150 mA Voltage Regulator with Stand-by Mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1216 Datasheet(HTML) 1 Page - Zilog, Inc.

  IXD1216 Datasheet HTML 1Page - Zilog, Inc. IXD1216 Datasheet HTML 2Page - Zilog, Inc. IXD1216 Datasheet HTML 3Page - Zilog, Inc. IXD1216 Datasheet HTML 4Page - Zilog, Inc. IXD1216 Datasheet HTML 5Page - Zilog, Inc. IXD1216 Datasheet HTML 6Page - Zilog, Inc. IXD1216 Datasheet HTML 7Page - Zilog, Inc. IXD1216 Datasheet HTML 8Page - Zilog, Inc. IXD1216 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Product Specification
IXD1216
PS033901-0515
PRELIMINARY
1
28 V, 150 mA Voltage Regulator with Stand-by Mode
FEATURES
Operating Voltage Range 2.0 V
– 28.0 V
Output Voltage Range from 2.0 V to 12.0 V with
0.1 V increments (B series) or 2.0 V
– 23 V with
external resistors (C series)
Output Voltage Accuracy ± 2%
Dropout Voltage 300 mV @ IOUT = 20 mA
Temperature Stability ± 30 ppm/
0C
Low Power Consumption of 5
μA at VOUT = 5.0 V
Output Current up to 150 mA (200 mA limit) at
VIN = VOUT + 3 V
Standby Current less than 0.1 µA typical
Power Supply Ripple Rejection 30 dB at 1 kHz
Current Limit and Short Circuit Protection
Low ESR Ceramic Capacitor compatible
ON/OFF switch,
Thermal shutdown
Operating Ambient Temperature - 40 + 85
0C
Packages : SOT-25, SOT- 89, SOT-89-5, SOP-
8FD, USP-6C, SOT-223, and TO-252
EU RoHS Compliant, Pb Free
APPLICATIONS
Mobile phones
Car Audio and Navigation Systems
Cameras, VCRs
Various portable equipment
DESCRIPTION
The IXD1216 is positive voltage regulator with
operation voltage up to 28V, manufactured by CMOS
process.
The IC consists of a voltage reference, an error
amplifier, a current limiter, a thermal protection, a
phase compensation circuit, and a driver transistor.
The output voltage is selectable in 0.1 V increments
within the range from 2.0 V to 12 V for B and D series
and from 2.0 V to 23 V with external resistors for C
series. High precision output voltage achieved by
laser trimming technology.
The IXD1216 is stable with low ESR ceramic output
capacitor (CL). The over current protection circuit and
the
thermal
shutdown
are
built-in.
These
two
protection circuits operate when the output current
reaches current limit level or the junction temperature
reaches temperature limit.
The Chip Enable (CE) function allows set IXD1216
into standby mode, reducing current consumption to
less than 0.1 µA typically.
The IXD1216 is available in SOT-25, SOT-89, SOT-
89-5, SOP-8FD, USP-6C, SOT-223, and TO-252
packages.
TYPICAL APPLICATION CIRCUIT
TYPICAL PERFORMANCE CHARACTERISTIC
The IXD1216B with CE function
The IXD1216C series
Output Voltage vs. Input Voltage (IXD1216B/D502)
CIN = CL = 1 µF, Ta = 25
0C,


Similar Part No. - IXD1216

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
High Speed LDO Regulator with ON/OFF Control
More results

Similar Description - IXD1216

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4473GV55-2 INFINEON-TLE4473GV55-2_08 Datasheet
355Kb / 17P
Dual Low Dropout Voltage Regulator Stand-by output 190 mA; 5 V 짹 2%
Rev. 1.2, 2008-10-28
logo
ON Semiconductor
NCP4587 ONSEMI-NCP4587 Datasheet
132Kb / 8P
150 mA, Tri-Mode, LDO Linear Voltage Regulator
November, 2010 ??Rev. P0
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
logo
ON Semiconductor
NCP4587DMX12TCG ONSEMI-NCP4587DMX12TCG Datasheet
404Kb / 19P
150 mA, Tri-Mode, LDO Linear Voltage Regulator
February, 2012 ??Rev. 3
logo
Texas Instruments
TPS7A4201_15 TI-TPS7A4201_15_15 Datasheet
932Kb / 22P
TPS7A4201 28-V Input Voltage, 50-mA Voltage Regulator
logo
RICOH electronics devic...
R1155 RICOH-R1155 Datasheet
563Kb / 26P
150 mA 24 V Input High Voltage Regulator
April 1, 2012
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
S-1222B ABLIC-S-1222B Datasheet
1Mb / 65P
28 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.1_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
logo
Nisshinbo Micro Devices...
R1155X NISSHINBO-R1155X Datasheet
1Mb / 30P
150 mA 24 V Input High Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com