Electronic Components Datasheet Search
  English  ▼

X  

IXD1216 Datasheet(PDF) 8 Page - Zilog, Inc.

Part # IXD1216
Description  28 V, 150 mA Voltage Regulator with Stand-by Mode
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD1216 Datasheet(HTML) 8 Page - Zilog, Inc.

Back Button IXD1216 Datasheet HTML 4Page - Zilog, Inc. IXD1216 Datasheet HTML 5Page - Zilog, Inc. IXD1216 Datasheet HTML 6Page - Zilog, Inc. IXD1216 Datasheet HTML 7Page - Zilog, Inc. IXD1216 Datasheet HTML 8Page - Zilog, Inc. IXD1216 Datasheet HTML 9Page - Zilog, Inc. IXD1216 Datasheet HTML 10Page - Zilog, Inc. IXD1216 Datasheet HTML 11Page - Zilog, Inc. IXD1216 Datasheet HTML 12Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Product Specification
IXD1216
PS033901-0515
PRELIMINARY
8
Component R21/RFB determines error in voltage setting and it should be taken into considerations, if R21
value is close to value of RFB. If R21 is less than 10 kΩ, this error is negligible.
Example:
If R21 = 64.9 kΩ and R22 = 100 kΩ, output voltage may vary from part to part due difference in RFB from
3.318 V to 3.374 V.
If R21 = 6.49 Ω and R22 = 10 kΩ, output voltage will vary from part to part due difference in RFB from
3.300 V to 3.306 V.
TEST CIRCUITS
Circuit 
IXD1216B
IXD1216C
IXD1216D
Circuit 
IXD1216B
IXD1216C
IXD1216D
Circuit 
IXD1216B
IXD2116C
IXD1216D
Circuit 
IXD1216C
Unless otherwise stated, Ta = 25
0C, V
CE = VIN, CIN = CL = 1 µF (ceramic)
The IXD1216D has CE pin connected to VIN internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com