Electronic Components Datasheet Search
  English  ▼

X  

IXD3235 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # IXD3235
Description  Synchronous 600 mA Step-Down DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3235 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button IXD3235 Datasheet HTML 9Page - Zilog, Inc. IXD3235 Datasheet HTML 10Page - Zilog, Inc. IXD3235 Datasheet HTML 11Page - Zilog, Inc. IXD3235 Datasheet HTML 12Page - Zilog, Inc. IXD3235 Datasheet HTML 13Page - Zilog, Inc. IXD3235 Datasheet HTML 14Page - Zilog, Inc. IXD3235 Datasheet HTML 15Page - Zilog, Inc. IXD3235 Datasheet HTML 16Page - Zilog, Inc. IXD3235 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Product Specification
IXD3235/36/37
PS034201-0515
PRELIMINARY
13
TYPICAL APPLICATION CIRCUITS
IXD3235/36/37 A, B, C, E, G
Series (Fixed Output Voltage)
IXD3235/36/37 D, F Series (Adjustable Output Voltage)
EXTERNAL COMPONENTS
fOSC
1.2 MHz
3.0 MHz
L, µH
4.7
1.5
CIN, µF
4.7
4.7
CL, µF
10
10
Setting Output Voltage
The IXD3235/36/37 D, F Series allows set output voltage externally by two resistors RFB1 and RFB2 as sown on
schematic diagram above.
Output voltage can be set starting from 0.9V. However, when input voltage (VIN) is lower than the set output
voltage, output voltage (VOUT) cannot be higher than the input voltage.
VOUT = 0.8 × (RFB1+RFB2)/RFB2
RFB1 + RFB2 < 1 MΩ.
The value of the phase compensation capacitor CFB is calculated by the follow equation
fZFB = 1/(2×π×CFB×RFB1),
where fZFB < 10 kHz. For optimization, fZFB can be adjusted in the range of 1 kHz to 20 kHz depending on the
inductance L and the load capacitance CL.
Example:
When RFB1 = 470 kΩ and RFB2 = 150 k, VOUT = 0.8 × (470 k+150 k) / 150 k = 3.3 V
VOUT, V
RFB1, kΩ
RFB2, kΩ
CFB, pF
VOUT, V
RFB1, kΩ
RFB2, kΩ
CFB, pF
0.9
100
820
150
2.5
510
240
100
1.2
150
300
100
3.0
330
120
150
1.5
130
150
220
3.3
470
150
100
1.8
300
240
150
4.0
120
30
470



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com