Electronic Components Datasheet Search
  English  ▼

X  

IXD3235 Datasheet(PDF) 2 Page - Zilog, Inc.

Part # IXD3235
Description  Synchronous 600 mA Step-Down DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3235 Datasheet(HTML) 2 Page - Zilog, Inc.

  IXD3235 Datasheet HTML 1Page - Zilog, Inc. IXD3235 Datasheet HTML 2Page - Zilog, Inc. IXD3235 Datasheet HTML 3Page - Zilog, Inc. IXD3235 Datasheet HTML 4Page - Zilog, Inc. IXD3235 Datasheet HTML 5Page - Zilog, Inc. IXD3235 Datasheet HTML 6Page - Zilog, Inc. IXD3235 Datasheet HTML 7Page - Zilog, Inc. IXD3235 Datasheet HTML 8Page - Zilog, Inc. IXD3235 Datasheet HTML 9Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Product Specification
IXD3235/36/37
PS034201-0515
PRELIMINARY
2
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
– 0.3 ~ 6.5
V
LX Pin Voltage
VLX
– 0.3 ~ V
IN + 0.3
1
V
VOUT Pin Voltage
VOUT
– 0.3 ~ 6.5
V
FB Pin Voltage
VFB
– 0.3 ~ 6.5
V
CE/MODE Pin Voltage
VCE
– 0.3 ~ 6.5
V
Lx Pin Current
ILX
±1500
mA
Power Dissipation
SOT-25
PD
250
mW
USP-6C
120
USP-6EL
120
WLP-5-03
750
Operating Temperature Range
TOPR
– 40 ~ + 85
0C
Storage Temperature Range
TSTG
– 50 ~ +125
0C
ELECTRICAL OPERATING CHARACTERISTICS
IXD3235/36/37 A series, VOUT = 1.8 V, Ta = 250C
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CIRCUIT
Operating Voltage Range
VIN
2.0
-
6.0
V
Output Voltage
VOUT
VIN = VCE = 5.0 V, IOUT = 30 mA
1.764 1.800 1.836
V
Maximum Output Current
IOUT_MAX
VIN = VOUT(E) + 2.0 V, VCE = 1.0 V
9)
600
mA
UVLO Voltage
VUVLO
VCE = VIN, VOUT = 0
1), 11)
1.00
1.40
1.78
V
Supply
Current
IXD323xA18Cxx
IQ
VIN = VCE = 5.0 V, VOUT = VOUT(E) x 1.1 V
15
33
µA
IXD323xA18Dxx
21
35
Standby Current
ISTB
VIN = 5.0 V, VCE = 0 V, VOUT = VOUT(E) x 1.1 V
0
1.0
µA
Oscillation
Frequency
IXD323xA18Cxx
fOSC
VIN = VOUT(E) + 2 V, VCE = 1.0 V, IOUT = 100 mA
1020
1220
1380
kHz
IXD323xA18Dxx
2550
3000
3460
PFM
Switching
Current
IXD323xA18Cxx
IPFM
12)
VIN = VCE = VOUT(E) + 2 V, , IOUT = 1 mA (see table A)
120
160
200
mA
IXD323xA18Dxx
170
220
270
P-channel ON time maximum
tPON_MAX
12)
VIN = VCE = (see table B), IOUT = 1 mA
2Dmax 3DMAX
Maximum Duty Cycle Ratio
DMAX
VIN = VCE = 5.0 V, VOUT = VOUT(E) x 0.9 V
100
%
Minimum Duty Cycle Ratio
DMIN
VIN = VCE = 5.0 V, VOUT = VOUT(E) x 1.1 V
0
%
Efficiency
2)
IXD323xA18Cxx
EFFI
VIN = VCE = VOUT(E) + 1.2 V, IOUT = 100 mA
92
%
IXD323xA18Dxx
86
LX “H” ON Resistance 1
3)
RLXH1
VIN = VCE = 5.0 V, VOUT = 0 V, ILX = 100 mA
0.35
0.55
Ω
LX “H” ON Resistance 2
3)
RLXH2
VIN = VCE = 3.6 V, VOUT = 0 V, ILX = 100 mA
0.42
0.67
Ω
LX “L” ON Resistance 1
4)
RLXL1
VIN = VCE = 5.0 V
0.45
0.65
Ω
LX “L” ON Resistance 2
4)
RLXL2
VIN = VCE = 3.6 V
0.52
0.77
Ω
LX “H” Leakage Current
5)
ILXH
VIN = VCE = 5.0 V, VOUT = 0 V, VLX = 5.0 V
0.01
1.0
µA
LX “L” Leakage Current
5)
ILXH
VIN = VCE = 5.0 V, VOUT = 0 V, VLX = 5.0 V
0.01
1.0
µA
Current Limit
10)
ILIM
VIN = VCE = 5.0 V, VOUT = VOUT(E) x 0.9 V
8)
900
1050
1350
mA
Output Voltage Temperature
Characteristics
-40
0C ≤ T
OPR ≤ 85
0C, I
OUT = 30 mA
±100
ppm/
0C
CE
“H” Voltage
14)
VCEH
VOUT = 0 V
0.65
6.0
V
CE
“L” Voltage
15)
VCEL
VOUT = 0 V
0
0.25
V
PWM mode Start Voltage
6), 13)
VPWM
IOUT = 1 mA
VIN -1.0
PWM/PFM mode
Start Voltage
6), 13)
VPFM
IOUT = 1 mA
VIN –
0.25
CE
“H” Current
IENH
VIN = VCE = 5.0 V, VOUT = 0 V
-0.1
0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com