Electronic Components Datasheet Search
  English  ▼

X  

IXD3235 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # IXD3235
Description  Synchronous 600 mA Step-Down DC/DC Converter
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

IXD3235 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button IXD3235 Datasheet HTML 17Page - Zilog, Inc. IXD3235 Datasheet HTML 18Page - Zilog, Inc. IXD3235 Datasheet HTML 19Page - Zilog, Inc. IXD3235 Datasheet HTML 20Page - Zilog, Inc. IXD3235 Datasheet HTML 21Page - Zilog, Inc. IXD3235 Datasheet HTML 22Page - Zilog, Inc. IXD3235 Datasheet HTML 23Page - Zilog, Inc. IXD3235 Datasheet HTML 24Page - Zilog, Inc. IXD3235 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Product Specification
IXD3235/36/37
PS034201-0515
PRELIMINARY
21
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(15) Load Transient Response
IXD3237A18C
L = 4.7 µH (NR4018), CIN = 4.7 μF, CL= 10 μF, VIN = VCE = 3.6 V, (PWM/PFM Auto Switching mode)
IOUT = 1 mA  100 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 50 µs/div
IOUT = 1 mA  300 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 50 µs/div
IOUT = 100 mA  1 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 200 µs/div
IOUT = 300 mA  1 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 200 µs/div
IXD3237A18C
L = 4.7 µH (NR4018), CIN = 4.7 μF, CL= 10 μF, VIN = 3.6 V, VCE = 1.8 V (PWM mode)
IOUT = 1 mA  100 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 50 µs/div
IOUT = 1 mA  300 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 50 µs/div
IOUT = 100 mA  1 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 200 µs/div
IOUT = 300 mA  1 mA
Ch1
– I
OUT, Ch2 – VOUT 50 mV/div, Time – 200 µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com