Electronic Components Datasheet Search
  English  ▼

X  

MSP1250 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSP1250
Description  Power Converter 150kHz 3A Step-down Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP1250 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MSP1250
Power Converter 150kHz 3A
Step-down Voltage Regulator
Connection Diagrams and Ordering Information
Bent and Staggered Leads, Through Hole
Package
Surface Mount Package
5-Lead TO-220 (T)
5-Lead TO-263 (S)
PIN FUNCTIONS
+VIN —This is the positive input supply for the IC switching regulator. A suitable input
bypass capacitor must be present at this pin to minimize voltage transients and to supply
the switching currents needed by the regulator.
Ground —Circuit ground.
Output —Internal switch. The voltage at this pin switches between (+VIN - VSAT) and
approximately -0.5V, with a duty cycle of approximately VOUT/VIN. To minimize coupling to
sensitive circuitry, the PC board copper area connected to this pin should be kept to a
minimum.
FeedBack —Senses the regulated output voltage to complete the feedback loop.
—Allows the switching regulator circuit to be shut down using logic level signals
thus dropping the total input supply current to approximately 80 µA. Pulling this pin below
a threshold voltage of approximately 1.3V turns the regulator on, and pulling this pin above
1.3V
(up to a maximum of 25V)
shuts the regulator down. If this shutdown feature is not
needed, the
pin can be wired to the ground pin or it can be left open, in either
case the regulator will be in the ON condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com