Electronic Components Datasheet Search
  English  ▼

X  

MSP1250 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MSP1250
Description  Power Converter 150kHz 3A Step-down Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP1250 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MSP1250
Power Converter 150kHz 3A
Step-down Voltage Regulator
Block Diagram
Absolute Maximum Ratings (Note 1)
Parameter
Rating
Unit
Maximum Supply Voltage
45
V
Pin Input Voltage
-0.3~25
V
Feedback Pin Voltage
-0.3~25
V
Output Voltage to Ground (Steady State)
-1
V
Power Dissipation
Internally limited
--
Storage Temperature Range
-65~150
℃
ESD Susceptibility (Human Body Model) (Note 2)
KV
Maximum Junction Temperature
150
℃
Temperature Range
-40~125
℃
Conditions
Supply Voltage
4.5~40
V
Note 1:
Absolute Maximum Ratings indicate limits beyond which damage to the device
may occur.
Operating Ratings indicate conditions for which the device is intended to be
functional, but do not guarantee specific performance limits. For guaranteed specifications
and test conditions, see the Electrical Characteristics.
Note 2: The human body model is a 100 pF capacitor discharged through a 1.5k resistor
into each pin.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com