Electronic Components Datasheet Search
  English  ▼

X  

MSP1250 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MSP1250
Description  Power Converter 150kHz 3A Step-down Voltage Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP1250 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MSP1250
Power Converter 150kHz 3A
Step-down Voltage Regulator
Typical Application
1. Fixed Output Voltage Versions
2. INVERTING REGULATOR
The circuit in Figure following converts a positive input voltage to a negative output voltage
with a common ground.
The circuit operates by bootstrapping the regulator’s ground pin to
the negative output voltage, and then grounding the feedback pin, the MSP1250 generate a
negative output voltage. Since this regulator topology can produce an output voltage that is
either greater than or less than the input voltage, the maximum output current greatly
depends on both the input and output voltage. The maximum voltage appearing across the
regulator is the absolute sum of the input and output voltage, and this must be limited to a
maximum of 40V.Additional diodes are required in this regulator configuration. Diode D1 is
used to solate input voltage ripple or noise from coupling through the CIN capacitor to the
output, under light or no load conditions. Without diode D3, when the input voltage is first
applied, the charging current of CIN can pull the output positive by several volts for a short
period of time. Adding D3 prevents the output from going positive by more than a diode
voltage.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com