Electronic Components Datasheet Search
  English  ▼

X  

OLH300 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OLH300
Description  High Speed Hermetic Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OLH300 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OLH300 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( T
A = - 55 °C to +125 °C, Unless Otherwise Specified )
Parameter
Symbol Min
Typ. Max Units
Test Conditions
Fig. Note
ALL TYPICAL @ T
A = 25°C
Absolute Maximum Ratings
± 1000 Vdc
-65
°C to +150°C
-55
°C to +125°C
240
°C
20 mA
40 mA
5.0 V
36 mW
8 mA
16 mA
-0.5 V to 18 V
-0.5 V to 18 V
50 mW
Couple
Input to Output Isolation Voltage 1
Storage Temperature Range
Operation Temperature Range
Lead Temperature 1.6 mm from case for 10 sec.
Input Diode
Average Input Current
Peak Forward Current (
≤ 1mS duration )
Reverse Voltage
Power Dissipation
Output Detector
Average Output Current
Peak Output Current
Supply Voltage, Vcc
Output Voltage, Vout
Power Dissipation
Current Transfer Ratio
Logic Low Output Voltage
Logic High Output Current
Supply Current
Logic Hi
Logic Low
Input Forward Voltage
Temperature Coefficient of
input diode Forward Voltage
Input Reverse Breakdown
Voltage
Input to Output Leakage Current
Propagation Delay Time Logic
High to Low
Propagation Delay Time Logic
Low to High
CTR
VOL
I
OH
I
CCL
I
CCH
V
F
∆V
F
∆T
A
B
VR
I
I - O
t
PHL
t
PLH
45
.25
.05
40
.05
1.7
- 2.3
0.3
0.5
0.4
100
200
10
2.5
1.0
1.0
2.0
20
3
%
V
µA
µA
µA
V
mV
°C
V
µA
µS
µS
I
F=10 mA, Vo=0.4 V, VCC=4.5 V,
I
F=10 mA, IOL=1.5mA, VCC=4.5V
I
F=0mA, VO=VCC=15V
I
F=10mA, VCC=15V, Vo=open
I
F=0mA, VCC=15V, Vo=open
I
F=10 mA
I
F=5 mA
I
R=10 µA
Relative Humidity
≤ 50%,
T
A = 25°C, V I -O = 1000 Vdc
I
F=10 mA, Vcc= 5V,
R
L =4.1 KΩ,
I
F=10 mA, Vcc= 5V,
R
L =4.1 KΩ,
2
1
3,4
3,4
2
1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com