Electronic Components Datasheet Search
  English  ▼

X  

OLH300 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OLH300
Description  High Speed Hermetic Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OLH300 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OLH300 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Description
Features
ISO
LINK
SCHEMATIC
PACKAGE OUTLINE
NOTES:
OLH300
High Speed
Hermetic
Optocoupler
♦ Electrical parameters guaranteed over
-55
°C to +125°C ambient temp. range
♦ 1000 Vdc electrical isolation
♦ High-Speed, 1 Mbit/s typical
♦ Open collector output
♦ 300 Khz bandwidth
♦ TO - 5 hermetic package
♦ Similar to 6N135/136, 4N55
♦ Radiation tolerant
♦ 100% hi-rel screening are offered
The OLH 300 is suitable for interfacing TTL to
LSTTL, TTL or CMOS as well as wide band-
width analog applications. Each OLH 300 has
a light emitting diode and an integrated photo-
diode transistor detector mounted and coupled
in a ceramic substrate inside a hermetic TO-5
package providing 1000 Vdc electrical isola-
tion between input and output. The integrated
photo-diode transistor improves switching
speed by orders of magnitude as compared to
standard photo transistors, by reducing the
base to collector capacitance. The internal
shield provides excellent common-mode im-
munity performance.
1. Measured between pins 1,2 and 3 shorted together and pins 5,6 and 7 shorted together. T
A = 25 °C and duration = 1 second.
2. Current transfer ratio is define as the ratio of output collector current, Ic to the forward LED current, IF times 100%
VCC
VOUT
CATHODE
ANODE
7
53
2
GND
1
Shield
.034 (0.86)
.028 (0.71)
.200 (5.08) MAX
.100 (2.54) MAX
45 °
45 °
.045 (1.14)
.029 (0.74)
0.362 (9.195 )
0.358 (9.093 )
0.302 (7.671 )
0.298 (7.569 )
1
2
3
7
5
6
1
2
35
6
7
Anode
Cathode
NC
BOTTOM
VIEW
.019 (0.48 )
.016 (0.41 )
6 LEADS - GOLD
PLATED
.028 (.416 )
.560 (14.22 )
.500 (12.70 )
NOTE:
Dimensions are in inches
(millimeters )
.185
(4.70)
VCC
VOUT
GND
.305 (7.75 )
.335 (8.51 )
/case


Similar Part No. - OLH300

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLH300 SKYWORKS-OLH300 Datasheet
349Kb / 6P
High-Speed Hermetic Optocoupler
April 13, 2017
More results

Similar Description - OLH300

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OLF300 ETC-OLF300 Datasheet
26Kb / 3P
High-Speed Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLF300 SKYWORKS-OLF300 Datasheet
263Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 6, 2017
OLF300ET SKYWORKS-OLF300ET Datasheet
346Kb / 5P
Extended Temperature High-Speed Hermetic Surface-Mount Optocoupler
April 17, 2017
OLH300 SKYWORKS-OLH300 Datasheet
349Kb / 6P
High-Speed Hermetic Optocoupler
April 13, 2017
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
OLH500 SKYWORKS-OLH500 Datasheet
332Kb / 6P
High CMR, High-Speed Logic Gate Hermetic Optocoupler
April 17, 2017
OLH5530 SKYWORKS-OLH5530 Datasheet
281Kb / 6P
Hermetic High-Speed Transistor Dual-Channel Optocoupler
June 19, 2017
OLH5600 SKYWORKS-OLH5600 Datasheet
320Kb / 6P
Hermetic High CMR/High-Speed Optocoupler
April 17, 2017
OLH5630 SKYWORKS-OLH5630 Datasheet
321Kb / 6P
Hermetic High CMR/High-Speed Dual-Channel Optocoupler
April 17, 2017
OLS300 SKYWORKS-OLS300 Datasheet
376Kb / 6P
Hermetic Surface-Mount High-Speed Optocoupler
June 1, 2017
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com