Electronic Components Datasheet Search
  English  ▼

X  

OLH300 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OLH300
Description  High Speed Hermetic Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OLH300 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OLH300 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLH300 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL PERFORMANCE CURVES
Fig. 2 - Normalized Output Current
vs. IF vs. Temperature
150
125
100
75
50
25
0
-25
-50
-75
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
AMBIENT TEMPERATURE (°C)
NORMALIZED TO :
I F = 10 mA
T A = 25 °C
IF = 15 mA
IF = 10 mA
IF = 5 mA
AMBIENT TEMPERATURE (°C)
150
125
100
75
50
25
0
-25
-50
-75
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IF = 10 mA
IF = 5 mA
IF = 15 mA
Fig. 1 - LED Forward Characteristics
1.5 V
t PLH
PHL
t
INPUT
I F
VOUT
VOL
I F = 10 mA
PULSE
GENERATOR
Zo =50
Ω
tr = 5ns
10% D.C.
100µS=P.W.
I F Monitor
RL
+ 5V
Vo
100
Ω
I F
CL=15pf
shield
Fig. 4 - Switching Test Circuit
125
100
75
50
25
0
-25
-50
-75
AMBIENT TEMPERATURE (°C)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Fig. 3 - Propagation Delay vs.
Temperature
IF = 10 mA, R L = 4.1 K
Ω
VCC = 5 V
t PLH
t PHL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com