Electronic Components Datasheet Search
  English  ▼

X  

X4043 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # X4043
Description  4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4043 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button X4043 Datasheet HTML 9Page - Renesas Technology Corp X4043 Datasheet HTML 10Page - Renesas Technology Corp X4043 Datasheet HTML 11Page - Renesas Technology Corp X4043 Datasheet HTML 12Page - Renesas Technology Corp X4043 Datasheet HTML 13Page - Renesas Technology Corp X4043 Datasheet HTML 14Page - Renesas Technology Corp X4043 Datasheet HTML 15Page - Renesas Technology Corp X4043 Datasheet HTML 16Page - Renesas Technology Corp X4043 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
X4043, X4045
FN8118 Rev 3.00
Page 13 of 24
December 9, 2015
Acknowledge Polling
The disabling of the inputs during nonvolatile cycles can
be used to take advantage of the typical 5kHz write cycle
time. Once the stop condition is issued to indicate the
end of the master’s byte load operation, the device initi-
ates the internal nonvolatile cycle. Acknowledge polling
can be initiated immediately. To do this, the master
issues a start condition followed by the slave address
byte for a write or read operation. If the device is still
busy with the nonvolatile cycle then no ACK will be
returned. If the device has completed the write opera-
tion, an ACK will be returned and the host can then pro-
ceed with the read or write operation. Refer to the flow
chart in Figure 13.
Serial Read Operations
Read operations are initiated in the same manner as
write operations with the exception that the R/W bit of
the slave address byte is set to one. There are three
basic read operations: Current Address Reads, Random
Reads, and Sequential Reads.
Current Address Read
Internally the device contains an address counter that
maintains the address of the last word read incremented
by one. Therefore, if the last read was to address n, the
next read operation would access data from address
n+1. On power-up, the address of the address counter is
undefined, requiring a read or write operation for initial-
ization.
Upon receipt of the slave address byte with the R/W bit
set to one, the device issues an acknowledge and then
transmits the eight bits of the data byte. The master termi-
nates the read operation when it does not respond with an
acknowledge during the ninth clock and then issues a
stop condition. Refer to Figure 13 for the address,
acknowledge, and data transfer sequence.
Figure 13. Acknowledge Polling Sequence
It should be noted that the ninth clock cycle of the read
operation is not a “don’t care.” To terminate a read oper-
ation, the master must either issue a stop condition
during the ninth cycle or hold SDA HIGH during the ninth
clock cycle and then issue a stop condition.
Figure 14. Current Address Read Sequence
ACK
Returned?
Issue Slave Address
Byte (Read or Write)
Byte Load Completed
by Issuing STOP.
Enter ACK Polling
Issue STOP
Issue START
NO
YES
Nonvolatile Cycle
Complete. Continue
Command
Issue STOP
NO
Continue Normal Read
or Write Command
Sequence
PROCEED
YES
S
t
a
r
t
S
t
o
p
Slave
Address
Data
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com