Electronic Components Datasheet Search
  English  ▼

X  

X4043 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # X4043
Description  4k, 512 x 8 Bit CPU Supervisor with 4kbit EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4043 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button X4043 Datasheet HTML 16Page - Renesas Technology Corp X4043 Datasheet HTML 17Page - Renesas Technology Corp X4043 Datasheet HTML 18Page - Renesas Technology Corp X4043 Datasheet HTML 19Page - Renesas Technology Corp X4043 Datasheet HTML 20Page - Renesas Technology Corp X4043 Datasheet HTML 21Page - Renesas Technology Corp X4043 Datasheet HTML 22Page - Renesas Technology Corp X4043 Datasheet HTML 23Page - Renesas Technology Corp X4043 Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
FN8118 Rev 3.00
Page 21 of 24
December 9, 2015
X4043, X4045
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2005-2015. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
VTRIP Programming Specifications: VCC = 2.0-5.5V; Temperature = 25°C
ABOUT INTERSIL
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support
Parameter
Description
Min.
Max.
Unit
tVPS
WP Program Voltage Setup time
10
µs
tVPH
WP Program Voltage Hold time
10
µs
tTSU
VTRIP Level Setup time
10
µs
tTHD
VTRIP Level Hold (stable) time
10
µs
tWC
VTRIP Program Cycle
10
ms
tVPO
Program Voltage Off time before next cycle
1
ms
VP
Programming Voltage
15
18
V
VTRAN
VTRIP Set Voltage Range
2.0
4.75
V
Vtv
VTRIP Set Voltage variation after programming (-40 to +85°C).
-25
+25
mV
tVPS
WP Program Voltage Setup time
10
µs
REVISION HISTORY
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make sure that
you have the latest revision.
DATE
REVISION
CHANGE
December 9, 2015
FN8118.3
Updated Ordering Information Table on page 2.
Added Revision History and About Intersil sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com