Electronic Components Datasheet Search
  English  ▼

X  

X5168PIZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X5168PIZ
Description  CPU Supervisor with 16Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5168PIZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  X5168PIZ Datasheet HTML 1Page - Renesas Technology Corp X5168PIZ Datasheet HTML 2Page - Renesas Technology Corp X5168PIZ Datasheet HTML 3Page - Renesas Technology Corp X5168PIZ Datasheet HTML 4Page - Renesas Technology Corp X5168PIZ Datasheet HTML 5Page - Renesas Technology Corp X5168PIZ Datasheet HTML 6Page - Renesas Technology Corp X5168PIZ Datasheet HTML 7Page - Renesas Technology Corp X5168PIZ Datasheet HTML 8Page - Renesas Technology Corp X5168PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
X5168, X5169 (Replaces X25268, X25169)
FN8130 Rev 2.00
Page 4 of 20
June 15, 2006
Pin Description
PIN
(SOIC/PDIP)
PIN TSSOP
NAME
FUNCTION
11
CS
Chip Select Input. CS HIGH, deselects the device and the SO output
pin is at a high impedance state. Unless a nonvolatile write cycle is underway, the device will be
in the standby power mode. CS LOW enables the device, placing it in the active power mode. Prior
to the start of any operation after power-up, a HIGH to LOW transition on CS is required.
22
SO
Serial Output. SO is a push/pull serial data output pin. A read cycle shifts data out on this pin. The
falling edge of the serial clock (SCK) clocks the data out.
58
SI
Serial Input. SI is a serial data input pin. Input all opcodes, byte addresses, and memory data on this
pin. The rising edge of the serial clock (SCK) latches the input data. Send all opcodes (Table 1),
addresses and data MSB first.
69
SCK
Serial Clock. The serial clock controls the serial bus timing for data input and output. The rising edge
of SCK latches in the opcode, address, or data bits present on the SI pin. The falling edge of SCK
changes the data output on the SO pin.
36
WP
Write Protect. The WP pin works in conjunction with a nonvolatile WPEN bit to “lock” the setting
of the watchdog timer control and the memory write protect bits.
47
VSS
Ground
814
VCC
Supply Voltage
7
13
RESET/
RESET
Reset Output. RESET/RESET is an active LOW/HIGH, open drain output which goes active
whenever VCC falls below the minimum VCC sense level. It will remain active until VCC rises above
the minimum VCC sense level for 200ms. RESET/RESET goes active if the watchdog timer is
enabled and CS remains either HIGH or LOW longer than the selectable watchdog time out
period. A falling edge of CS will reset the watchdog timer. RESET/RESET goes active on power-
up at about 1V and remains active for 200ms after the power supply stabilizes.
3-5,10-12
NC
No internal connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com