Electronic Components Datasheet Search
  English  ▼

X  

X5168PIZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X5168PIZ
Description  CPU Supervisor with 16Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5168PIZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  X5168PIZ Datasheet HTML 1Page - Renesas Technology Corp X5168PIZ Datasheet HTML 2Page - Renesas Technology Corp X5168PIZ Datasheet HTML 3Page - Renesas Technology Corp X5168PIZ Datasheet HTML 4Page - Renesas Technology Corp X5168PIZ Datasheet HTML 5Page - Renesas Technology Corp X5168PIZ Datasheet HTML 6Page - Renesas Technology Corp X5168PIZ Datasheet HTML 7Page - Renesas Technology Corp X5168PIZ Datasheet HTML 8Page - Renesas Technology Corp X5168PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN8130 Rev 2.00
Page 1 of 20
June 15, 2006
FN8130
Rev 2.00
June 15, 2006
X5168, X5169 (Replaces X25268, X25169)
CPU Supervisor with 16Kbit SPI EEPROM
DATASHEET
These devices combine three popular functions, Power-on
Reset Control, Supply Voltage Supervision, and Block Lock
Protect Serial EEPROM Memory in one package. This
combination lowers system cost, reduces board space
requirements, and increases reliability.
Applying power to the device activates the power-on reset
circuit which holds RESET/RESET active for a period of
time. This allows the power supply and oscillator to stabilize
before the processor can execute code.
The device’s low VCC detection circuitry protects the user’s
system from low voltage conditions by holding
RESET/RESET active when VCC falls below a minimum VCC
trip point. RESET/RESET remains asserted until VCC returns
to proper operating level and stabilizes. Five industry
standard VTRIP thresholds are available, however, Intersil’s
unique circuits allow the threshold to be reprogrammed to
meet custom requirements or to fine-tune the threshold in
applications requiring higher precision.
Features
•Low VCC Detection and Reset Assertion
- Five standard reset threshold voltages
- Re-program low VCC reset threshold voltage using
special programming sequence
- Reset signal valid to VCC = 1V
• Long Battery Life with Low Power Consumption
- <50µA max standby current, watchdog on
- <1µA max standby current, watchdog off
- <400µA max active current during read
• 16Kbits of EEPROM
• Built-in Inadvertent Write Protection
- Power-up/power-down protection circuitry
- Protect 0, 1/4, 1/2 or all of EEPROM array with Block
Lock™ protection
- In circuit programmable ROM mode
• 2MHz SPI Interface Modes (0,0 & 1,1)
• Minimize EEPROM Programming Time
- 32-byte page write mode
- Self-timed write cycle
- 5ms write cycle time (typical)
• 2.7V to 5.5V and 4.5V to 5.5V Power Supply
Operation
• Available Packages
- 14 Ld TSSOP, 8 Ld SOIC, 8 Ld PDIP
• Pb-Free Plus Anneal Available (RoHS Compliant)
Block Diagram
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS
VCC
Reset
Timebase
Power-on and
Generation
VTRIP
+
-
RESET/RESET
Reset
Low Voltage
Status
Register
Protect Logic
4Kbits
4Kbits
8Kbits
WP
X5168 = RESET
X5169 = RESET
NOT RECOMMEN
DED FOR NEW D
ESIGNS
NO RECOMMEND
ED REPLACEMEN
T
contact our Techn
ical Support Cente
r at
1-888-INTERSIL o
r www.intersil.com
/tsc


Similar Part No. - X5168PIZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5168PIZ INTERSIL-X5168PIZ Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5168PIZ-2.7 INTERSIL-X5168PIZ-2.7 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5168PIZ-2.7A INTERSIL-X5168PIZ-2.7A Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5168PIZ-4.5A INTERSIL-X5168PIZ-4.5A Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
More results

Similar Description - X5168PIZ

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X5163 XICOR-X5163 Datasheet
117Kb / 21P
CPU Supervisor with 16Kbit SPI EEPROM
logo
Intersil Corporation
X5163 INTERSIL-X5163 Datasheet
365Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM Description
May 16, 2005
X5168 INTERSIL-X5168 Datasheet
364Kb / 19P
CPU Supervisor with 16Kbit SPI EEPROM
September 16, 2005
X5083 INTERSIL-X5083_06 Datasheet
320Kb / 21P
CPU Supervisor with 8Kbit SPI EEPROM
June 15, 2006
X5163 INTERSIL-X5163_06 Datasheet
365Kb / 21P
CPU Supervisor with 16Kbit SPI EEPROM
X5168 INTERSIL-X5168_06 Datasheet
343Kb / 20P
CPU Supervisor with 16Kbit SPI EEPROM
X5165S8IZ INTERSIL-X5165S8IZ Datasheet
371Kb / 21P
CPU Supervisor with 16Kbit SPI EEPROM
June 1, 2006
X5163S INTERSIL-X5163S Datasheet
371Kb / 21P
CPU Supervisor with 16Kbit SPI EEPROM
June 1, 2006
X5163S8IZT1 INTERSIL-X5163S8IZT1 Datasheet
434Kb / 1P
CPU Supervisor with 16Kbit SPI EEPROM
August 13, 2015
logo
Renesas Technology Corp
X5163 RENESAS-X5163 Datasheet
871Kb / 22P
CPU Supervisor with 16Kbit SPI EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com