Electronic Components Datasheet Search
  English  ▼

X  

X5168PIZ Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # X5168PIZ
Description  CPU Supervisor with 16Kbit SPI EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5168PIZ Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button X5168PIZ Datasheet HTML 12Page - Renesas Technology Corp X5168PIZ Datasheet HTML 13Page - Renesas Technology Corp X5168PIZ Datasheet HTML 14Page - Renesas Technology Corp X5168PIZ Datasheet HTML 15Page - Renesas Technology Corp X5168PIZ Datasheet HTML 16Page - Renesas Technology Corp X5168PIZ Datasheet HTML 17Page - Renesas Technology Corp X5168PIZ Datasheet HTML 18Page - Renesas Technology Corp X5168PIZ Datasheet HTML 19Page - Renesas Technology Corp X5168PIZ Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
X5168, X5169 (Replaces X25268, X25169)
FN8130 Rev 2.00
Page 18 of 20
June 15, 2006
Small Outline Package Family (SO)
GAUGE
PLANE
A2
A1
L
L1
DETAIL X
4° ±4°
SEATING
PLANE
e
H
b
C
0.010
B
M CA
0.004 C
0.010
B
M CA
B
D
(N/2)
1
E1
E
N
N
(N/2)+1
A
PIN #1
I.D. MARK
h X 45°
A
SEE DETAIL “X”
c
0.010
MDP0027
SMALL OUTLINE PACKAGE FAMILY (SO)
SYMBOL
SO-8
SO-14
SO16
(0.150”)
SO16 (0.300”)
(SOL-16)
SO20
(SOL-20)
SO24
(SOL-24)
SO28
(SOL-28)
TOLERANCE
NOTES
A
0.068
0.068
0.068
0.104
0.104
0.104
0.104
MAX
-
A1
0.006
0.006
0.006
0.007
0.007
0.007
0.007
0.003
-
A2
0.057
0.057
0.057
0.092
0.092
0.092
0.092
0.002
-
b
0.017
0.017
0.017
0.017
0.017
0.017
0.017
0.003
-
c
0.009
0.009
0.009
0.011
0.011
0.011
0.011
0.001
-
D
0.193
0.341
0.390
0.406
0.504
0.606
0.704
0.004
1, 3
E
0.236
0.236
0.236
0.406
0.406
0.406
0.406
0.008
-
E1
0.154
0.154
0.154
0.295
0.295
0.295
0.295
0.004
2, 3
e
0.050
0.050
0.050
0.050
0.050
0.050
0.050
Basic
-
L
0.025
0.025
0.025
0.030
0.030
0.030
0.030
0.009
-
L1
0.041
0.041
0.041
0.056
0.056
0.056
0.056
Basic
-
h
0.013
0.013
0.013
0.020
0.020
0.020
0.020
Reference
-
N
8
14
16
16
20
24
28
Reference
-
Rev. L 2/01
NOTES:
1. Plastic or metal protrusions of 0.006” maximum per side are not included.
2. Plastic interlead protrusions of 0.010” maximum per side are not included.
3. Dimensions “D” and “E1” are measured at Datum Plane “H”.
4. Dimensioning and tolerancing per ASME Y14.5M-1994



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com