Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9268 Datasheet HTML 1Page - Renesas Technology Corp X9268 Datasheet HTML 2Page - Renesas Technology Corp X9268 Datasheet HTML 3Page - Renesas Technology Corp X9268 Datasheet HTML 4Page - Renesas Technology Corp X9268 Datasheet HTML 5Page - Renesas Technology Corp X9268 Datasheet HTML 6Page - Renesas Technology Corp X9268 Datasheet HTML 7Page - Renesas Technology Corp X9268 Datasheet HTML 8Page - Renesas Technology Corp X9268 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 5 of 22
August 29, 2006
PIN DESCRIPTIONS
Bus Interface Pins
SERIAL DATA INPUT/OUTPUT (SDA)
The SDA is a bidirectional serial data input/output pin for
a 2-Wire slave device and is used to transfer data into
and out of the device. It receives device address,
opcode, wiper register address and data sent from an 2-
Wire master at the rising edge of the serial clock SCL,
and it shifts out data after each falling edge of the serial
clock SCL.
It is an open drain output and may be wire-ORed with
any number of open drain or open collector outputs. An
open drain output requires the use of a pull-up resistor.
For selecting typical values, refer to the guidelines for
calculating typical values on the bus pull-up resistors
graph.
SERIAL CLOCK (SCL)
This input is used by 2-Wire master to supply 2-Wire
serial clock to the X9268.
DEVICE ADDRESS (A3 - A0)
The address inputs are used to set the least significant 3
bits of the 8-bit slave address. A match in the slave
address serial data stream must be made with the
Address input in order to initiate communication with the
X9268. A maximum of 8 devices may occupy the 2-Wire
serial bus.
Potentiometer Pins
RH, RL
The RH and RL pins are equivalent to the terminal
connections on a mechanical potentiometer. Since there
are 2 potentiometers, there are 2 sets of RH and RL
such that RH0 and RL0 are the terminals of POT 0 and
so on.
RW
The wiper pin are equivalent to the wiper terminal of a
mechanical
potentiometer.
Since
there
are
4
potentiometers, there are 2 sets of RW such that RW0 is
the terminal of POT 0 and so on.
Bias Supply Pins
SYSTEM SUPPLY VOLTAGE (VCC) AND SUPPLY
GROUND (VSS)
The VCC pin is the system supply voltage. The VSS pin
is the system ground.
Analog Supply Voltages (V+ and V
-)
These supplies are the analog voltage supplies for the
potentiometer. The V+ supply is tied to the wiper
switches while the V- supply is used to bias the switches
and the internal P+ substrate of the integrated circuit.
Both of these supplies set the voltage limits of the
potentiometer.
Other Pins
NO CONNECT
No connect pins should be left open. This pins are used
for Intersil manufacturing and testing purposes.
HARDWARE WRITE PROTECT INPUT (WP)
The WP pin when LOW prevents nonvolatile writes to
the Data Registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com