Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button X9268 Datasheet HTML 10Page - Renesas Technology Corp X9268 Datasheet HTML 11Page - Renesas Technology Corp X9268 Datasheet HTML 12Page - Renesas Technology Corp X9268 Datasheet HTML 13Page - Renesas Technology Corp X9268 Datasheet HTML 14Page - Renesas Technology Corp X9268 Datasheet HTML 15Page - Renesas Technology Corp X9268 Datasheet HTML 16Page - Renesas Technology Corp X9268 Datasheet HTML 17Page - Renesas Technology Corp X9268 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 14 of 22
August 29, 2006
Global XFR Wiper Counter Register (WCR) to Data Register (DR)
Transfer Wiper Counter Register (WCR) to Data Register (DR)
Transfer Data Register (DR) to Wiper Counter Register (WCR)
Increment/Decrement Wiper Counter Register (WCR)
Notes: (1) “MACK”/”SACK”: stands for the acknowledge sent by the master/slave.
(2) “A3 ~ A0”: stands for the device addresses sent by the master.
(3) “X”: indicates that it is a “0” for testing purpose but physically it is a “don’t care” condition.
(4) “I”: stands for the increment operation, SDA held high during active SCL phase (high).
(5) “D”: stands for the decrement operation, SDA held low during active SCL phase (high).
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3 A2 A1 A0
1000 RB RA 0 0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
HIGH-VOLTAGE
WRITE CYCLE
0
1
0
1 A3 A2 A1 A0
1110 RB RA 0
P0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
S
T
O
P
0
1
0
1 A3 A2 A1 A0
1 1 0 1 RB RA 0
P0
S
T
A
R
T
Device Type
Identifier
Device
Addresses
S
A
C
K
Instruction
Opcode
DR/WCR
Addresses
S
A
C
K
Increment/Decrement
(Sent by Master on SDA)
S
T
O
P
01 01 A3 A2 A1 A0
00 100 0
0
P0
I/D I/D .
.
.
. I/D I/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com