Electronic Components Datasheet Search
  English  ▼

X  

X9268 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # X9268
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button X9268 Datasheet HTML 11Page - Renesas Technology Corp X9268 Datasheet HTML 12Page - Renesas Technology Corp X9268 Datasheet HTML 13Page - Renesas Technology Corp X9268 Datasheet HTML 14Page - Renesas Technology Corp X9268 Datasheet HTML 15Page - Renesas Technology Corp X9268 Datasheet HTML 16Page - Renesas Technology Corp X9268 Datasheet HTML 17Page - Renesas Technology Corp X9268 Datasheet HTML 18Page - Renesas Technology Corp X9268 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 15 of 22
August 29, 2006
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65
C to +135C
Storage temperature ......................... -65
C to +150C
Voltage on SDA, SCL or any address input
with respect to VSS ................................. -1V to +7V
Voltage on V+ (referenced to VSS)........................10V
Voltage on V- (referenced to VSS)........................-10V
(V+) - (V-) .............................................................. 12V
Any VH/RH ..............................................................V+
Any VL/RL.................................................................V-
Lead temperature (soldering, 10s) .................. +300
C
IW (10s) ..............................................................±6mA
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; the functional operation of
the device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
POTENTIOMETER CHARACTERISTICS
(Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used as a
potentiometer.
(2) Relative linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a
potentiometer. It is a measure of the error in step size.
(3) MI = RTOT / 255 or (RH - RL) / 255, single pot
(4) During power-up VCC > VH, VL, and VW.
(5) n = 0, 1, 2, …,255; m =0, 1, 2, …, 254.
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
C+70C
Industrial
-40
C+85C
Device
Supply Voltage (VCC)(4) Limits
X9268
5V
10%
X9268-2.7
2.7V to 5.5V
V+
2.7V to 5.5V
V-
-2.7V to -5.5V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
RTOTAL
End to End Resistance
T version
100
k
RTOTAL
End to EndResistance
U version
50
k
End to end resistance tolerance
±20
%
Power rating
+25°C, each pot
50
mW
IW
Wiper current
±3
mA
RW
Wiper resistance
IW =  1mA, V+ = 3V; V- = -3V
250
RW
Wiper resistance
IW =  1mA, V+ = 5V; V- = -5V
150
V+
Voltage on V+ Pin
X9268
+4.5
+5.5
V
X9268-2.7
+2.7
+5.5
V-
Voltage on V- Pin
X9268
-5.5
-4.5
V
X9268 -2.7
-5.5
-2.7
VTERM
Voltage on any VH/RH or VL/RL pin
V-
V+
V
Noise
Ref: 1kHz
-120
dBV
Resolution (4)
0.4
%
Absolute linearity (1)
Vw(n)(actual) - Vw(n)(expected)
±1
MI(3)
Relative linearity (2)
Vw(n + 1) - [Vw(n) + MI]±0.6
MI(3)
Temperature coefficient of resistance
300
ppm/
C
Ratiometric Temperature Coefficient
±20
ppm/°C
CH/CL/CW Potentiometer Capacitance
See Circuit #3
10/10/25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com