Electronic Components Datasheet Search
  English  ▼

X  

X9268TS24Z Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # X9268TS24Z
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268TS24Z Datasheet(HTML) 4 Page - Renesas Technology Corp

  X9268TS24Z Datasheet HTML 1Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 2Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 3Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 4Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 5Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 6Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 7Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 8Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 4 of 22
August 29, 2006
PIN CONFIGURATION
PIN ASSIGNMENTS
Pin
(SOIC)
Symbol
Function
1
NC
No Connect
2
A0
Device Address for 2-Wire bus.
3
NC
No Connect
4
NC
No Connect
5
NC
No Connect
6
V+
Analog Suppy Pin (Positive)
7VCC
System Supply Voltage
8RL0
Low Terminal for Potentiometer 0.
9RH0
High Terminal for Potentiometer 0.
10
RW0
Wiper Terminal for Potentiometer 0.
11
A2
Device Address for 2-Wire bus.
12
WP
Hardware Write Protect
13
SDA
Serial Data Input/Output for 2-Wire bus.
14
A1
Device Address for 2-Wire bus.
15
RL1
Low Terminal for Potentiometer 1.
16
RH1
High Terminal for Potentiometer 1.
17
RW1
Wiper Terminal for Potentiometer 1.
18
VSS
System Ground
19
V-
Analog Supply Pin (Negative)
20
NC
No Connect
21
NC
No Connect
22
NC
No Connect
23
SCL
Serial Clock for 2-Wire bus.
24
A3
Device Address for 2-Wire bus.
NC
A0
NC
V+
VCC
RL0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
A3
SCL
NC
NC
NC
V-
VSS
RW1
RH1
RL1
24 LD SOIC
X9268
NC
14
13
11
12
NC
RH0
RW0
A2
A1
SDA
WP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com