Electronic Components Datasheet Search
  English  ▼

X  

X9268TS24Z Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # X9268TS24Z
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268TS24Z Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button X9268TS24Z Datasheet HTML 5Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 6Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 7Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 8Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 9Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 10Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 11Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 12Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 9 of 22
August 29, 2006
Table 1. Identification Byte Format
Table 2. Instruction Byte Format
Table 3. Instruction Set
Note: 1/0 = data is one or zero
Instruction
Instruction Set
Operation
I3
I2
I1
I0
RB RA
0
P0
Read Wiper Counter
Register
1001
0
0
0
1/0 Read the contents of the Wiper Counter
Register pointed to by P0
Write Wiper Counter Register
1010
0
0
0
1/0 Write new value to the Wiper Counter
Register pointed to by P0
Read Data Register
1011
1/0 1/0
0
1/0 Read the contents of the Data Register
pointed to by P0 and RB - RA
Write Data Register
1100
1/0 1/0
0
1/0 Write new value to the Data Register
pointed to by P0 and RB - RA
XFR Data Register to Wiper
Counter Register
1101
1/0 1/0
0
1/0 Transfer the contents of the Data Register
pointed to by P0 and RB - RA to its
associated Wiper Counter Register
XFR Wiper Counter Register
to Data Register
1110
1/0 1/0
0
1/0 Transfer the contents of the Wiper Counter
Register pointed to by P0 to the Data
Register pointed to by RB - RA
Global XFR Data Registers to
Wiper Counter Registers
0001
1/0 1/0
0
0
Transfer the contents of the Data Registers
pointed to by RB - RA of all four pots to their
respective Wiper Counter Registers
Global XFR Wiper Counter
Registers to Data Register
1000
1/0 1/0
0
0
Transfer the contents of both Wiper Counter
Registers to their respective data Registers
pointed to by RB - RA of all four pots
Increment/Decrement Wiper
Counter Register
0010
0
0
0
1/0 Enable Increment/decrement of the Control
Latch pointed to by P0
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0
101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
I3
I2
I1
I0
RB
RA
0
P0
(MSB)
(LSB)
Instruction
Register
Pot Selection
Opcode
Selection
(WCR Selection)
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com