Electronic Components Datasheet Search
  English  ▼

X  

X9268TS24Z Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # X9268TS24Z
Description  Dual Supply/Low Power/256-Tap/2-Wire Bus Dual Digitally-Controlled (XDCP?? Potentiometers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9268TS24Z Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button X9268TS24Z Datasheet HTML 6Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 7Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 8Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 9Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 10Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 11Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 12Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 13Page - Renesas Technology Corp X9268TS24Z Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
X9268
FN8172 Rev.4.00
Page 10 of 22
August 29, 2006
DEVICE DESCRIPTION
Wiper Counter Register (WCR)
The X9268 contains two Wiper Counter Registers, one
for each DCP potentiometer. The Wiper Counter
Register can be envisioned as a 8-bit parallel and serial
load counter with its outputs decoded to select one of
256 switches along its resistor array. The contents of the
WCR can be altered in four ways: it may be written
directly by the host via the Write Wiper Counter Register
instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated data
registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
Increment/Decrement
instruction
(See
Instruction
section for more details). Finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-up.
The Wiper Counter Register is a volatile register; that is,
its contents are lost when the X9268 is powered-down.
Although the register is automatically loaded with the
value in DR0 upon power-up, this may be different from
the value present at power-down. Power-up guidelines
are recommended to ensure proper loadings of the DR0
value into the WCR (See Design Considerations
Section).
Data Registers (DR)
Each potentiometer has four 8-bit nonvolatile Data
Registers. These can be read or written directly by the
host. Data can also be transferred between any of the
four Data Registers and the associated Wiper Counter
Register. All operations changing data in one of the data
registers is a nonvolatile operation and will take a
maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, the Data Registers can be
used as regular memory locations for system
parameters or user preference data.
Bit [7:0] are used to store one of the 256 wiper positions
(0~255).
Table 4. Wiper counter Register, WCR (8-bit), WCR[7:0]:
Used to store the current wiper position (Volatile, V).
Table 5. Data Register, DR (8-bit), Bit [7:0]:
Used to store wiper positions or data (Nonvolatile, NV).
WCR7
WCR6
WCR5
WCR4
WCR3
WCR2
WCR1
WCR0
V
VVVVVVV
(MSB)
(LSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
NV
NV
NV
NV
NV
NV
NV
NV
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com