Electronic Components Datasheet Search
  English  ▼

X  

P89LPC912 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # P89LPC912
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912 Datasheet(HTML) 1 Page - NXP Semiconductors

  P89LPC912 Datasheet HTML 1Page - NXP Semiconductors P89LPC912 Datasheet HTML 2Page - NXP Semiconductors P89LPC912 Datasheet HTML 3Page - NXP Semiconductors P89LPC912 Datasheet HTML 4Page - NXP Semiconductors P89LPC912 Datasheet HTML 5Page - NXP Semiconductors P89LPC912 Datasheet HTML 6Page - NXP Semiconductors P89LPC912 Datasheet HTML 7Page - NXP Semiconductors P89LPC912 Datasheet HTML 8Page - NXP Semiconductors P89LPC912 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
1 kB 3 V Flash with 128-byte RAM
Rev. 03 — 17 December 2004
Product data
1.
General description
The P89LPC912/913/914 are single-chip microcontrollers in low-cost 14-pin
packages, based on a high performance processor architecture that executes
instructions in two to four clocks, six times the rate of standard 80C51 devices. Many
system level functions have been incorporated into the P89LPC912/913/914 in order
to reduce component count, board space, and system cost.
2.
Features
s 1 kB byte-erasable Flash code memory organized into 256-byte sectors and
16-byte pages. Single-byte erasing allows any byte(s) to be used as non-volatile
data storage.
s 128-byte RAM data memory.
s Two 16-bit counter/timers. Each timer may be configured to toggle a port output
upon timer overflow or to become a PWM output.
s 23-bit system timer that can also be used as a Real-Time clock.
s Two analog comparators with selectable inputs and reference source.
s Enhanced UART with fractional baudrate generator, break detect, framing error
detection, automatic address detection and versatile interrupt capabilities
(P89LPC913, P89LPC914).
s SPI communication port.
s Internal RC oscillator (factory calibrated to
±1 %) option allows operation without
external oscillator components. The RC oscillator option is selectable and fine
tunable.
s 2.4 V to 3.6 V VDD operating range. I/O pins are 5 V tolerant (may be pulled up or
driven to 5.5 V).
s Up to 12 I/O pins when using internal oscillator and reset options.
3.
Additional features
• 14-pin TSSOP packages.
• A high performance 80C51 CPU provides instruction cycle times of 111 ns to
222 ns for all instructions except multiply and divide when executing at 18 MHz
(167 ns to 333 ns at 12 MHz). This is six times the performance of the standard
80C51 running at the same clock frequency. A lower clock frequency for the same
performance results in power savings and reduced EMI.
• In-Application Programming (IAP-Lite) and byte erase allows code memory to be
used for non-volatile data storage.


Similar Part No. - P89LPC912

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC912FDH NXP-P89LPC912FDH Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC912HDH NXP-P89LPC912HDH Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
More results

Similar Description - P89LPC912

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P89LPC920 PHILIPS-P89LPC920 Datasheet
877Kb / 45P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 06-21 November 2003
P89LPC901 PHILIPS-P89LPC901 Datasheet
1Mb / 55P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 04-21 November 2003
P89LPC930 PHILIPS-P89LPC930 Datasheet
260Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05-15 December 2004
P89LPC904 PHILIPS-P89LPC904 Datasheet
190Kb / 41P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-25 June 2004
P89LPC906 PHILIPS-P89LPC906 Datasheet
243Kb / 51P
8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
Rev. 05-17 December 2004
P89LPC9107 PHILIPS-P89LPC9107 Datasheet
257Kb / 58P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable Flash with 8-bit A/D converter
Rev. 02-11 April 2005
P89LPC912 NXP-P89LPC912 Datasheet
326Kb / 66P
8-bit microcontrollers with two-clock 80C51 core, 1 kB 3 V flash with 128-byte RAM
Rev. 05-28 September 2007
P89LPC9102 NXP-P89LPC9102 Datasheet
291Kb / 61P
8-bit microcontrollers with two-clock accelerated 80C51 core 1 kB 3 V byte-erasable flash with 8-bit A/D converter
Rev. 03-10 July 2007
P89LPC920 NXP-P89LPC920 Datasheet
238Kb / 46P
8-bit microcontrollers with two-clock 80C51 core 2 kB/4 kB/8 kB 3 V low-power Flash with 256-byte data RAM
Rev. 08 - 15 December 2004
P89LPC930 NXP-P89LPC930 Datasheet
277Kb / 55P
8-bit microcontrollers with two-clock 80C51 core 4 kB/8 kB 3 V Flash with 256-byte data RAM
Rev. 05 - 15 December 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com