Electronic Components Datasheet Search
  English  ▼

X  

P89LPC912 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P89LPC912
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P89LPC912 Datasheet HTML 25Page - NXP Semiconductors P89LPC912 Datasheet HTML 26Page - NXP Semiconductors P89LPC912 Datasheet HTML 27Page - NXP Semiconductors P89LPC912 Datasheet HTML 28Page - NXP Semiconductors P89LPC912 Datasheet HTML 29Page - NXP Semiconductors P89LPC912 Datasheet HTML 30Page - NXP Semiconductors P89LPC912 Datasheet HTML 31Page - NXP Semiconductors P89LPC912 Datasheet HTML 32Page - NXP Semiconductors P89LPC912 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
29 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
9.6 CPU Clock (CCLK) wake-up delay
The P89LPC912/913/914 has an internal wake-up timer that delays the clock until it
stabilizes, depending to the clock source used. If the clock source is any of the three
crystal selections (P89LPC912, P89LPC913) the delay is 992 OSCCLK cycles plus
60 to 100
µs. If the clock source is either the internal RC oscillator, Watchdog
oscillator, or external clock, the delay is 224 OSCCLK cycles plus 60 to 100
µs.
9.7 CPU Clock (CCLK) modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a
dividing register, DIVM, to generate CCLK. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption. By dividing the
clock, the CPU can retain the ability to respond to events that would not exit Idle
mode by executing its normal program at a lower rate. This can also allow bypassing
the oscillator start-up time in cases where Power-down mode would otherwise be
used. The value of DIVM may be changed by the program at any time without
interrupting code execution.
9.8 Low power select
The P89LPC912 and P89LPC913 are designed to run at 18 MHz (CCLK) maximum.
However, if CCLK is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’
to lower the power consumption further. On any reset, CLKLP is ‘0’ allowing highest
performance access. This bit can then be set in software if CCLK is running at 8 MHz
or slower.
9.9 Memory organization
The various P89LPC912/913/914 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instructions other than MOVX and MOVC. All or part of the
Stack may be in this area.
Fig 12. Block diagram of oscillator control (P89LPC914).
002aaa483
RTC
CPU
WDT
SPI
DIVM
CCLK
OSCCLK
PCLK
TIMER 0 and
TIMER 1
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz)
(400 kHz)
Oscillator
clock
CPU
clock
Peripheral clock
UART
BAUD RATE
GENERATOR
CCLK
¸2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com