Electronic Components Datasheet Search
  English  ▼

X  

P89LPC912 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # P89LPC912
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button P89LPC912 Datasheet HTML 24Page - NXP Semiconductors P89LPC912 Datasheet HTML 25Page - NXP Semiconductors P89LPC912 Datasheet HTML 26Page - NXP Semiconductors P89LPC912 Datasheet HTML 27Page - NXP Semiconductors P89LPC912 Datasheet HTML 28Page - NXP Semiconductors P89LPC912 Datasheet HTML 29Page - NXP Semiconductors P89LPC912 Datasheet HTML 30Page - NXP Semiconductors P89LPC912 Datasheet HTML 31Page - NXP Semiconductors P89LPC912 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
28 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Fig 10. Block diagram of oscillator control (P89LPC912).
Fig 11. Block diagram of oscillator control (P89LPC913).
002aaa481
RTC
CPU
WDT
SPI
DIVM
CCLK
OSCCLK
PCLK
TIMER 0 and
TIMER 1
High freq.
Med. freq.
Low freq.
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz)
(400 kHz)
Oscillator
clock
CPU
clock
Peripheral clock
÷2
002aaa482
RTC
CPU
WDT
SPI
DIVM
CCLK
OSCCLK
PCLK
TIMER 0 and
TIMER 1
High freq.
Med. freq.
Low freq.
XTAL1
XTAL2
RC
OSCILLATOR
WATCHDOG
OSCILLATOR
(7.3728 MHz)
(400 kHz)
Oscillator
clock
CPU
clock
Peripheral clock
UART
BAUD RATE
GENERATOR
CCLK
¸2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com