Electronic Components Datasheet Search
  English  ▼

X  

FSB70625 Datasheet(PDF) 5 Page - ON Semiconductor

Part # FSB70625
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70625 Datasheet(HTML) 5 Page - ON Semiconductor

  FSB70625 Datasheet HTML 1Page - ON Semiconductor FSB70625 Datasheet HTML 2Page - ON Semiconductor FSB70625 Datasheet HTML 3Page - ON Semiconductor FSB70625 Datasheet HTML 4Page - ON Semiconductor FSB70625 Datasheet HTML 5Page - ON Semiconductor FSB70625 Datasheet HTML 6Page - ON Semiconductor FSB70625 Datasheet HTML 7Page - ON Semiconductor FSB70625 Datasheet HTML 8Page - ON Semiconductor FSB70625 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FSB70625 Rev. 1.2
Electrical Characteristics (T
J = 25°C, VDD = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
2nd Notes:
1. BVDSS is the absolute maximum voltage rating between drain and source terminal of each MOSFET inside Motion SPM
® 7 product. V
PN should be sufficiently less than this
value considering the effect of the stray inductance so that VPN should not exceed BVDSS in any case.
2. tON and tOFF include the propagation delay of the internal drive IC. Listed values are measured at the laboratory test condition, and they can be different according to the field
applications due to the effect of different printed circuit boards and wirings. Please see Figure 3 for the switching time definition with the switching test circuit of Figure 4.
3. VTS is only for sensing-temperature of module and cannot shutdown MOSFETs automatically.
4. The fault-out pulse width tFOD depends on the capacitance value of CFOD according to the following approximate equation : CFOD = 24 x 10
-6 x t
FOD [F]
Symbol
Parameter
Conditions
Min
Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA (2nd Note 1)
250
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 250 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VDD = VBS = 15 V, VIN = 5 V, ID = 1.0 A
-
0.7
0.8
VSD
Drain - Source Diode
Forward Voltage
VDD = VBS = 15V, VIN = 0 V, ID = -1.0 A
-
0.9
1.2
V
tON
Switching Times
VPN = 150 V, VDD = VBS = 15 V, ID = 1.0 A
VIN = 0 V  5 V, Inductive Load L = 3 mH
Low-Side MOSFET Switching
(2nd Note 2)
-
495
-
ns
tD(ON)
-
415
-
ns
tOFF
-
370
-
ns
tD(OFF)
-
275
-
ns
Irr
-1.8
-
A
trr
-70-
ns
EON
-20-
J
EOFF
-1.7
-
J
Symbol
Parameter
Conditions
Min
Typ Max
Units
IQDD
Quiescent VDD Current
VDD=15V, VIN=0V
VDD - COM
-
1.7
3.0
mA
IQBS
Quiescent VBS Current
VBS=15V, VIN=0V
VB(X)-VS(X),VB(V)-VS(V),
VB(W)-VS(W)
-45
70
A
IPDD
Operating VDD Current
VDD=15V,FPWM=20kHz,
duty=50%, PWM signal
input for Low side
VDD - COM
-
1.9
3.2
mA
IPBS
Operating VBS Current
VBS=15V,FPWM=20kHz,
duty=50%, PWM signal
input for High side
VB(U)-VS(U),VB(V)-VS(V),
VB(W)-VS(W)
-
300
400
A
UVDDD
Low-side Undervoltage
Protection (Figure 6)
VDD Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVDDR
VDD Undervoltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-side Undervoltage
Protection (Figure 7)
VBS Undervoltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Undervoltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature sens-
ing voltage output
VDD=15V, THVIC=25°C (2nd Note 3)
580
675
770
mV
VIH
ON Threshold Voltage
Logic High Level
IN - COM
--
2.4
V
VIL
OFF Threshold Voltage
Logic Low Level
0.8
-
-
V
VSC(ref)
SC Current Trip Level
VDD=15V
CSC - COM
0.45
0.5
0.55
V
tFOD
Fault-out Pulse Width
CFOD=33nF (2nd Note 4)
1.0
1.4
1.8
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com