Electronic Components Datasheet Search
  English  ▼

X  

FSB70625 Datasheet(PDF) 6 Page - ON Semiconductor

Part # FSB70625
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70625 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FSB70625 Datasheet HTML 2Page - ON Semiconductor FSB70625 Datasheet HTML 3Page - ON Semiconductor FSB70625 Datasheet HTML 4Page - ON Semiconductor FSB70625 Datasheet HTML 5Page - ON Semiconductor FSB70625 Datasheet HTML 6Page - ON Semiconductor FSB70625 Datasheet HTML 7Page - ON Semiconductor FSB70625 Datasheet HTML 8Page - ON Semiconductor FSB70625 Datasheet HTML 9Page - ON Semiconductor FSB70625 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSB70625 Rev. 1.2
Recommended Operating Condition
Thermal Resistance
Figure 2. Recommended MCU Interface and Bootstrap Circuit with Parameters
3rd Notes:
1. RJCB is simulation value with application board layout. (Please refer user’s guide SPM7 series)
2. Parameters for bootsrap circuit elements are dependent on PWM algorithm. For 15 kHz of switching frequency, typical example of parameters is shown above.
3. RC coupling(R5 and C5) at each input (indicated as dotted lines) may be used to prevent improper input signal due to surge noise. Signal input of SPM
® is compatible with
standard CMOS or LSTTL outptus.
4. Bold lines should be short and thick in PCB pattern to have small stray inductance of circuit, which results in the reduction of surge voltage.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied Between P and N
-
150
200
V
VDD
Control Supply Voltage
Applied Between VDD and COM
13.5
15.0
16.5
V
VBS
High-Side Bias Voltage
Applied Between VB and VS
13.5
15.0
16.5
V
dVDD/dt,
dVBS/dt
Control Supply Variation
-1.0
-
1.0
V/
s
tdead
Blanking Time for Preventing
Arm-Short
VDD = VBS = 13.5 ~ 16.5 V, TJ 150°C
500
-
-
ns
fPWM
PWM Switching Frequency
TJ 150°C
-
15
-
kHz
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
RJCB
Junction
to
Case
Bottom
Thermal Resistance
Single MOSFET Operating Condition
(3rd Notes 1)
-1.2
-
°C/W
/Fo
VDD
LIN
HIN
VB
HO
VS
LO
P
N
R
3
Inverter
Output
C1
Micom
15-V
Line
10
F
One-Leg Diagram of SPM
These values depend on PWM
control algorithm
R5
C5
V
PN
C
2
VTS
C4
* Example of bootstrap paramters:
C
1 = C 2 = 1  F ceramic capacitor,
COM
5-V
Line
C3
CSC
C6
R
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com