Electronic Components Datasheet Search
  English  ▼

X  

FSB70625 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FSB70625
Description  Motion SPM 7 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FSB70625 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FSB70625 Datasheet HTML 4Page - ON Semiconductor FSB70625 Datasheet HTML 5Page - ON Semiconductor FSB70625 Datasheet HTML 6Page - ON Semiconductor FSB70625 Datasheet HTML 7Page - ON Semiconductor FSB70625 Datasheet HTML 8Page - ON Semiconductor FSB70625 Datasheet HTML 9Page - ON Semiconductor FSB70625 Datasheet HTML 10Page - ON Semiconductor FSB70625 Datasheet HTML 11Page - ON Semiconductor FSB70625 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
©2013 Fairchild Semiconductor Corporation
8
www.fairchildsemi.com
FSB70625 Rev. 1.2
Figure 8. Temperature profile VTS vs. THVIC
Figure 9. Example of Application Circuit
4th Notes:
1. RC-coupling (R5 and C5, R2 and C6) and C1, C5, C7, C8 at each input of Motion SPM
® 7 product and MCU are useful to prevent improper input signal caused by surge-noise.
2. Ground-wires and output terminals, should be thick and short in order to avoid surge-voltage and malfunction of HVIC.
3. All the filter capacitors should be connected close to Motion SPM 7 product, and they should have good characteristics for rejecting high-frequency ripple current.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
25
50
75
100
125
150
175
y . .57V@
5 C
y . .
V@
C
y . . 5V@5 C
5 C
5 5 C
5
5 C
V C e
e a
e,
V C [
C
]
Min.
Typ.
Max.
WH
VH
UH
OUT(WL)
OUT(VL)
OUT(UL)
Nu
W
V
U
P
VS(W)
VS(V)
IN_UH
IN_VH
IN_WH
COM
VS(U)
OUT(UH)
VDD
OUT(VH)
OUT(WH)
VS(U)
VS(V)
VS(W)
VDD
COM
UL
IN_UL
VL
IN_VL
WL
IN_WL
/Fo
/Fo
VTS
Vts
Cfod
Cfod
Csc
Csc
VB(U)
VB(V)
VB(U)
VB(W)
VB(V)
VB(W)
Nv
Nw
5V
15V
M
MCU
C3 VDC
R3
R2
C6
C2
C4
C7
R5
C8
C1
C5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com